Electronic Components Datasheet Search
  English  ▼

X  

AN3400 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3400
Description  Analysis and simulation of a BJT complementary pair in a self-oscillating CFL solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3400 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3400 Datasheet HTML 18Page - STMicroelectronics AN3400 Datasheet HTML 19Page - STMicroelectronics AN3400 Datasheet HTML 20Page - STMicroelectronics AN3400 Datasheet HTML 21Page - STMicroelectronics AN3400 Datasheet HTML 22Page - STMicroelectronics AN3400 Datasheet HTML 23Page - STMicroelectronics AN3400 Datasheet HTML 24Page - STMicroelectronics AN3400 Datasheet HTML 25Page - STMicroelectronics AN3400 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
Steady-state stage-wise circuit analysis
AN3400
22/78
Doc ID 018840 Rev 1
where ICCBn is the charging current of the NPN bipolar B-C junction capacitance and ICBCp
is the discharging current of the PNP bipolar C-B junction capacitance.
●
Stage 5: t6<t<t8: (re-circulating phase before the PNP conduction time:
-VCpnpon-char -VEBsatpnp< V(t)<0 with
)
As done for the re-circulating phase before the NPN conduction time (t0<t<t2), this phase, in
which both Q1-Q2 switches are inactive, can be subdivided into a further two sub-phases
distinguished by the following:
–
First re-circulating phase before the PNP conduction time (t6<t<t7): both Q1-Q2
switches are turned off and the load inductor residual magnetization current ILP
circulates freely through the PNP transistor anti-parallel diode D2 and the directly
biased C-B junction of the PNP bipolar Q2. Voltage across the filter capacitor C
increases in the opposite polarity than the NPN turn-on phase and charges the
capacitor Cp in series to the not yet forward biased base of the PNP, assuming the
same polarity of the relevant VEBonpnp, while the capacitor Cn begins to decrease
its charge through the breakdown resistance Rb. In this re-circulating stage,
currents and voltages on the driving network are represented by the following
Figure 13
.
Figure 13.
Fifth stage: first re-circulating phase before the PNP conduction time
According to the agreement of the previous image, the following equations are valid in the
driving section during the first re-circulating stage for t6<t<t7:
()
() 0
t
V
dt
d
<
AM09804v1
First re-circulating phase
before PNP conduction
L
c
Cp
Cn
Cs
Rs
Rb
Ls
VRs
IRs
VCn
VCp
ICn
ICp
IRb
VRb
ID2
ILP
Lp
VDD
Q1
Q2
D1
D2
VCs
VC
GND
PNP collector-base
diode conduction
PNP collector-base
diode conduction
ICBp
VD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com