Electronic Components Datasheet Search
  English  ▼

X  

AN3400 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3400
Description  Analysis and simulation of a BJT complementary pair in a self-oscillating CFL solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3400 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3400 Datasheet HTML 1Page - STMicroelectronics AN3400 Datasheet HTML 2Page - STMicroelectronics AN3400 Datasheet HTML 3Page - STMicroelectronics AN3400 Datasheet HTML 4Page - STMicroelectronics AN3400 Datasheet HTML 5Page - STMicroelectronics AN3400 Datasheet HTML 6Page - STMicroelectronics AN3400 Datasheet HTML 7Page - STMicroelectronics AN3400 Datasheet HTML 8Page - STMicroelectronics AN3400 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
List of figures
AN3400
4/78
Doc ID 018840 Rev 1
List of figures
Figure 1.
Complementary pair circuital topology . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Steady-state waveforms: filter capacitor voltage signal (V(t)), NPN base current (Ibnpn)
and PNP base current (Ibpnp) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 3.
Steady-state waveforms: filter capacitor voltage signal (V(t)), NPN collector current (ICnpn)
and PNP collector current (ICpnp) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 4.
Steady-state waveforms: filter capacitor voltage signal (V(t)), NPN collector-emitter voltage
(VCEnpn) and PNP emitter-collector voltage (VECpnp) . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5.
Steady-state waveforms: filter capacitor voltage signal (V(t)), NPN base-emitter voltage
(VBEnpn) and PNP emitter-base voltage(VEBpnp) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 6.
Steady-state waveforms: filter capacitor voltage signal (V(t)), NPN base series capacitor
voltage (VCnpn) and PNP base series capacitor voltage (VCpnp). . . . . . . . . . . . . . . . . . . 13
Figure 7.
First stage: first re-circulating phase before the NPN conduction time . . . . . . . . . . . . . . . . 15
Figure 8.
First stage: second re-circulating phase before the NPN conduction time . . . . . . . . . . . . . 17
Figure 9.
Second stage: NPN conduction phase with filter capacitor charge . . . . . . . . . . . . . . . . . . 18
Figure 10.
Second stage: NPN conduction phase with filter capacitor discharge . . . . . . . . . . . . . . . . 18
Figure 11.
Third stage: NPN storage phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 12.
Fourth stage: dead time after NPN conduction phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 13.
Fifth stage: first re-circulating phase before the PNP conduction time . . . . . . . . . . . . . . . . 22
Figure 14.
Fifth stage: first re-circulating phase before PNP conduction time with PNP device working
in reverse active region. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 15.
Fifth stage: second re-circulating phase before the PNP conduction time . . . . . . . . . . . . . 24
Figure 16.
Sixth stage: PNP conduction phase with filter capacitor charge. . . . . . . . . . . . . . . . . . . . . 26
Figure 17.
Sixth stage: PNP conduction phase with filter capacitor discharge . . . . . . . . . . . . . . . . . . 26
Figure 18.
Seventh stage: PNP storage phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 19.
Eighth stage: dead time phase after PNP conduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 20.
Driving network modeling for the NPN bipolar conduction phase simulation . . . . . . . . . . . 31
Figure 21.
Driving network modeling for the simulation of the first re-circulating phase preliminary to
the NPN bipolar conduction time phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 22.
Driving network modeling for the simulation of the second re-circulating phase preliminary to
the NPN bipolar conduction time phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 23.
Driving network modeling for the NPN bipolar storage time phase simulation . . . . . . . . . . 40
Figure 24.
Variability of the extractive current negative peak IBnpn-off versus variability of the integer
n with storage time fixed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 25.
Driving network modeling for the simulation of the dead time phase after the NPN bipolar
storage time phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 26.
Driving network modeling for the simulation of the first re-circulating phase preliminary to the
PNP bipolar conduction time phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 27.
Driving network modeling for the simulation of the second re-circulating phase preliminary to
the PNP bipolar conduction time phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 28.
Driving network modeling for the PNP bipolar conduction time phase simulation . . . . . . . 50
Figure 29.
Driving network modeling for the PNP bipolar storage time phase simulation . . . . . . . . . . 52
Figure 30.
Driving network modeling for the simulation of the dead time after the PNP storage time
phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Figure 31.
STX83003 (NPN) bipolar transistor during steady-state operation with 230 V input voltage:
base current (IB1), collector current (IC1), base-emitter voltage (VBE1) and collector-emitter
voltage (VCE1) signals acquired . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 32.
STX83003 (NPN) bipolar transistor during steady-state operation with 230 V input voltage:
base current (IB1), collector current (IC1), voltage on base series capacitor Cn (VCN) and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com