Electronic Components Datasheet Search
  English  ▼

X  

AN3400 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3400
Description  Analysis and simulation of a BJT complementary pair in a self-oscillating CFL solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3400 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3400 Datasheet HTML 1Page - STMicroelectronics AN3400 Datasheet HTML 2Page - STMicroelectronics AN3400 Datasheet HTML 3Page - STMicroelectronics AN3400 Datasheet HTML 4Page - STMicroelectronics AN3400 Datasheet HTML 5Page - STMicroelectronics AN3400 Datasheet HTML 6Page - STMicroelectronics AN3400 Datasheet HTML 7Page - STMicroelectronics AN3400 Datasheet HTML 8Page - STMicroelectronics AN3400 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
AN3400
List of figures
Doc ID 018840 Rev 1
5/78
voltage on base series capacitor Cp (VCP) signals acquired . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 33.
STX83003 (NPN) bipolar transistor during steady-state operation with 230 V input voltage:
base current (IB1), collector current (IC1), voltage on filter capacitor C2 (VC) and voltage on
driving resistance R2 (VRS) signals acquired. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Figure 34.
STX83003 (NPN) bipolar transistor during steady-state operation with 230 V input voltage:
base current (IB1), collector current (IC1), voltage on base series capacitor C3 (VCN)
and voltage on breakdown resistance R4 (VRBN) signals acquired . . . . . . . . . . . . . . . . . 59
Figure 35.
STX83003 (NPN) bipolar transistor during turn-on particular in steady-state operation with
230 V input voltage: base current (IB1), collector current (IC1) and collector-emitter voltage
(VCE1) signals acquired . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Figure 36.
STX83003 (NPN) bipolar transistor during turn-off particular in steady-state operation with
230 V input voltage: base current (IB1), collector current (IC1) and collector-emitter voltage
(VCE1) signals acquired . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Figure 37.
STX93003 (PNP) bipolar transistor during turn-on particular in steady-state operation with
230 V input voltage: base current (IB2), collector current (IC2) and emitter-collector voltage
(VCE2) signals acquired . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 38.
STX93003 (PNP) bipolar transistor during turn-off particular in steady-state operation with
230 V input voltage: base current (IB2), collector current (IC2) and emitter-collector voltage
(VCE2) signals acquired . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 39.
Current source signal Is modeling for the simulation on the re-circulating phase before the
NPN conduction phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 40.
Re-circulating phase preliminary to the NPN conduction time phase . . . . . . . . . . . . . . . . . 65
Figure 41.
NPN conduction time phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Figure 42.
NPN storage time phase. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Figure 43.
Dead time phase after the NPN storage time phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Figure 44.
Re-circulating phase preliminary to the PNP conduction time phase . . . . . . . . . . . . . . . . . 69
Figure 45.
PNP conduction time phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
Figure 46.
PNP storage time phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Figure 47.
Dead time phase after the PNP storage time phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
Figure 48.
Driving network simulation results: filter capacitor voltage signal (Vs), NPN base series
capacitor voltage (VCn) and PNP base series capacitor voltage (VCp) signals simulated . 73
Figure 49.
Driving network simulation results: NPN base current (Ibn) and PNP base current (Ibp)
signals simulated . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
Figure 50.
Driving network simulation results: NPN base series capacitor current (ICn) and PNP base
series capacitor current (ICp) signals simulated . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com