Electronic Components Datasheet Search
  English  ▼

X  

LT8610 Datasheet(PDF) 7 Page - Linear Technology

Part # LT8610
Description  42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT8610 Datasheet HTML 3Page - Linear Technology LT8610 Datasheet HTML 4Page - Linear Technology LT8610 Datasheet HTML 5Page - Linear Technology LT8610 Datasheet HTML 6Page - Linear Technology LT8610 Datasheet HTML 7Page - Linear Technology LT8610 Datasheet HTML 8Page - Linear Technology LT8610 Datasheet HTML 9Page - Linear Technology LT8610 Datasheet HTML 10Page - Linear Technology LT8610 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LT8610
7
8610fa
For more information www.linear.com/LT8610
TYPICAL PERFORMANCE CHARACTERISTICS
RT Programmed Switching
Frequency
VIN UVLO
Bias Pin Current
Bias Pin Current
Switching Waveforms
Switching Waveforms
Switching Waveforms
Transient Response
Transient Response
SWITCHING FREQUENCY (MHz)
0.2
150
200
250
1.8
8610 G27
100
50
125
175
225
75
25
0
0.6
1
1.4
2.2
TEMPERATURE (°C)
–55
3.4
35
8610 G28
2.8
2.4
–25
5
65
2.2
2.0
3.6
3.2
3.0
2.6
95
125 155
INPUT VOLTAGE (V)
5
4.00
4.50
45
8610 G29
3.50
3.00
15
25
35
10
20
30
40
5.00
3.75
4.25
3.25
4.75
VBIAS = 5V
VOUT = 5V
ILOAD = 1A
fSW = 700kHz
SWITCHING FREQUENCY (MHz)
0
0
2
4
6
8
10
12
0.5
1
1.5
2
8610 G30
2.5
VBIAS = 5V
VOUT = 5V
VIN = 12V
ILOAD = 1A
IL
1A/DIV
VSW
5V/DIV
500ns/DIV
12VIN TO 5VOUT AT 1A
8610 G31
IL
200mA/DIV
VSW
5V/DIV
500µs/DIV
12VIN TO 5VOUT AT 10mA
VSYNC = 0V
8610 G32
IL
1A/DIV
VSW
10V/DIV
500ns/DIV
36VIN TO 5VOUT AT 1A
8610 G33
ILOAD
1A/DIV
VOUT
100mV/DIV
50µs/DIV
0.5A TO 1.5A TRANSIENT
12VIN, 5VOUT
COUT = 47µF
8610 G34
ILOAD
1A/DIV
VOUT
200mV/DIV
50µs/DIV
0.5A TO 2.5A TRANSIENT
12VIN, 5VOUT
COUT = 47µF
8610 G35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com