Electronic Components Datasheet Search
  English  ▼

X  

LT8610 Datasheet(PDF) 22 Page - Linear Technology

Part # LT8610
Description  42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT8610 Datasheet HTML 14Page - Linear Technology LT8610 Datasheet HTML 15Page - Linear Technology LT8610 Datasheet HTML 16Page - Linear Technology LT8610 Datasheet HTML 17Page - Linear Technology LT8610 Datasheet HTML 18Page - Linear Technology LT8610 Datasheet HTML 19Page - Linear Technology LT8610 Datasheet HTML 20Page - Linear Technology LT8610 Datasheet HTML 21Page - Linear Technology LT8610 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LT8610
22
8610fa
For more information www.linear.com/LT8610
LINEAR TECHNOLOGY CORPORATION 2012
LT 1013 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT8610
RELATED PARTS
TYPICAL APPLICATION
3.3V and 1.8V with Ratio Tracking
Ultralow IQ 2.5V, 3.3V Step-Down with LDO
BST
VIN
EN/UV
SYNC
PG
INTVCC
TR/SS
RT
SW
LT8610
GND
PGND
BIAS
FB
0.1µF
VOUT1
3.3V
2.5A
4.7µF
VIN
3.8V TO 42V
1µF
10nF
4.7pF
5.6µH
232k
97.6k
fSW = 500kHz
88.7k
BST
VIN
EN/UV
SYNC
PG
INTVCC
TR/SS
RT
SW
LT8610
GND
PGND
BIAS
8610 TA08
FB
0.1µF
VOUT2
1.8V
2.5A
4.7µF
1µF
4.7pF
3.3µH
80.6k
24.3k
93.1k
fSW = 500kHz
88.7k
10k
68µF
47µF
BST
VIN
EN/UV
SYNC
PG
INTVCC
TR/SS
RT
SW
LT8610
GND
PGND
BIAS
8610 TA10
FB
0.1µF
VOUT1
3.3V
2.5A
4.7µF
VIN
3.8V TO 27V
1µF
10nF
4.7pF
1.8µH
1M
412k
2.2µF
VOUT2
2.5V
20mA
fSW = 2MHz
18.2k
47µF
IN
LT3008-2.5
SHDN
OUT
SENSE
PART NUMBER
DESCRIPTION
COMMENTS
LT8611
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous Micropower Step-Down
DC/DC Converter with IQ = 2.5µA and Input/Output Current Limit/Monitor
VIN: 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA,
ISD < 1µA, 3mm × 5mm QFN-24 Package
LT3690
36V with 60V Transient Protection, 4A, 92% Efficiency, 1.5MHz
Synchronous Micropower Step-Down DC/DC Converter with IQ = 70µA
VIN: 3.9V to 36V, VOUT(MIN) = 0.985V, IQ = 70µA,
ISD < 1µA, 4mm × 6mm QFN-26 Package
LT3971
38V, 1.2A, 2.2MHz High Efficiency Micropower Step-Down DC/DC
Converter with IQ = 2.8µA
VIN: 4.2V to 38V, VOUT(MIN) = 1.21V, IQ = 2.8µA,
ISD < 1µA, 3mm × 3mm DFN-10 and MSOP-10E Packages
LT3991
55V, 1.2A, 2.2MHz High Efficiency Micropower Step-Down DC/DC
Converter with IQ = 2.8µA
VIN: 4.2V to 55V, VOUT(MIN) = 1.21V, IQ = 2.8µA,
ISD < 1µA, 3mm × 3mm DFN-10 and MSOP-10E Packages
LT3970
40V, 350mA, 2.2MHz High Efficiency Micropower Step-Down DC/DC
Converter with IQ = 2.5µA
VIN: 4.2V to 40V, VOUT(MIN) = 1.21V, IQ = 2.5µA,
ISD < 1µA, 3mm × 2mm DFN-10 and MSOP-10 Packages
LT3990
62V, 350mA, 2.2MHz High Efficiency MicroPower Step-Down DC/DC
Converter with IQ = 2.5µA
VIN: 4.2V to 62V, VOUT(MIN) = 1.21V, IQ = 2.5µA,
ISD < 1µA, 3mm × 3mm DFN-10 and MSOP-6E Packages
LT3480
36V with Transient Protection to 60V, 2A (IOUT), 2.4MHz, High Efficiency
Step-Down DC/DC Converter with Burst Mode Operation
VIN: 3.6V to 36V, Transient to 60V, VOUT(MIN) = 0.78V,
IQ = 70µA, ISD < 1µA, 3mm × 3mm DFN-10 and
MSOP-10E Packages
LT3980
58V with Transient Protection to 80V, 2A (IOUT), 2.4MHz, High Efficiency
Step-Down DC/DC Converter with Burst Mode Operation
VIN: 3.6V to 58V, Transient to 80V, VOUT(MIN) = 0.78V,
IQ = 85µA, ISD < 1µA, 3mm × 4mm DFN-16 and
MSOP-16E Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com