Electronic Components Datasheet Search
  English  ▼

X  

LT8610 Datasheet(PDF) 19 Page - Linear Technology

Part # LT8610
Description  42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT8610 Datasheet HTML 14Page - Linear Technology LT8610 Datasheet HTML 15Page - Linear Technology LT8610 Datasheet HTML 16Page - Linear Technology LT8610 Datasheet HTML 17Page - Linear Technology LT8610 Datasheet HTML 18Page - Linear Technology LT8610 Datasheet HTML 19Page - Linear Technology LT8610 Datasheet HTML 20Page - Linear Technology LT8610 Datasheet HTML 21Page - Linear Technology LT8610 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LT8610
19
8610fa
For more information www.linear.com/LT8610
TYPICAL APPLICATIONS
1.8V 2MHz Step-Down Converter
12V Step-Down Converter
Ultralow EMI 5V 2.5A Step-Down Converter
1.8V Step-Down Converter
BST
VIN
EN/UV
SYNC
PG
INTVCC
TR/SS
RT
SW
LT8610
GND
PGND
BIAS
8610 TA06
FB
0.1µF
VOUT
1.8V
2.5A
4.7µF
VIN
3.4V TO 15V
(42V TRANSIENT)
1µF
10nF
4.7pF
1µH
866k
1M
fSW = 2MHz
18.2k
68µF
BST
VIN
EN/UV
SYNC
PG
INTVCC
TR/SS
RT
SW
LT8610
GND
PGND
BIAS
8610 TA07
FB
0.1µF
VOUT
1.8V
2.5A
4.7µF
VIN
3.4V TO 42V
1µF
10nF
4.7pF
4.7µH
866k
1M
fSW = 400kHz
110k
120µF
BST
VIN
EN/UV
SYNC
INTVCC
TR/SS
RT
SW
LT8610
GND
PGND
BIAS
8610 TA09
PG
FB
0.1µF
VOUT
12V
2.5A
4.7µF
VIN
12.5V TO 42V
1µF
10nF
10pF
10µH
1M
88.7k
fSW = 1MHz
41.2k
47µF
POWER GOOD
100k
BST
VIN
EN/UV
PG
SYNC
INTVCC
TR/SS
RT
SW
LT8610
GND
PGND
BIAS
8610 TA11
FB
0.1µF
VOUT
5V
2.5A
4.7µF
VIN
5.5V TO 42V
1µF
10nF
10pF
4.7µH
4.7µH
1M
FB1
BEAD
FB1: TDK MPZ2012S221A
243k
fSW = 800kHz
52.3k
4.7µF
4.7µF
47µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com