Electronic Components Datasheet Search
  English  ▼

X  

LT8610 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8610
Description  42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8610 Datasheet HTML 2Page - Linear Technology LT8610 Datasheet HTML 3Page - Linear Technology LT8610 Datasheet HTML 4Page - Linear Technology LT8610 Datasheet HTML 5Page - Linear Technology LT8610 Datasheet HTML 6Page - Linear Technology LT8610 Datasheet HTML 7Page - Linear Technology LT8610 Datasheet HTML 8Page - Linear Technology LT8610 Datasheet HTML 9Page - Linear Technology LT8610 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LT8610
6
8610fa
For more information www.linear.com/LT8610
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage
Switching Frequency
Burst Frequency
Frequency Foldback
Minimum Load to Full Frequency
(SYNC DC High)
Soft-Start Tracking
Soft-Start Current
PG High Thresholds
PG Low Thresholds
LOAD CURRENT (A)
0
400
8610 G19
200
0
1
2
0.5
1.5
2.5
600
800
300
100
500
700
3
TEMPERATURE (°C)
–55
730
35
8610 G20
700
680
–25
5
65
670
660
740
RT = 60.4k
720
710
690
95
125 155
LOAD CURRENT (mA)
0
400
500
600
200
8610 G21
300
200
0
50
100
150
100
800
VIN = 12V
VOUT = 3.3V
700
FB VOLTAGE (V)
0
300
400
500
0.6
1
8610 G22
200
100
0
0.2
0.4
0.8
600
700
800
VOUT = 3.3V
VIN = 12V
VSYNC = 0V
RT = 60.4k
TR/SS VOLTAGE (V)
0
0.8
1.0
1.2
0.6
1.0
8610 G23
0.6
0.4
0.2
0.4
0.8
1.2
1.4
0.2
0
TEMPERATURE (°C)
–50
2.3
35
8610 G24
2.0
1.8
–25
5
65
1.7
1.6
2.4
2.2
2.1
1.9
95
125 155
VSS = 0.5V
TEMPERATURE (°C)
–55
7.0
7.5
8.5
9.0
9.5
12.0
10.5
5
65
95
125
8610 G25
8.0
11.0
11.5
10.0
–25
35
155
FB RISING
FB FALLING
TEMPERATURE (°C)
–55
–12.0
–11.5
–10.5
–10.0
–9.5
–7.0
–8.5
5
65
95
125
8610 G26
–11.0
–8.0
–7.5
–9.0
–25
35
155
FB RISING
FB FALLING
INPUT VOLTAGE (V)
60
80
100
15
25
40
45
8610 G39
40
20
0
5
10
20
30
35
VOUT = 5V
fSW = 700kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com