Electronic Components Datasheet Search
  English  ▼

X  

LT8610 Datasheet(PDF) 5 Page - Linear Technology

Part # LT8610
Description  42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610 Datasheet(HTML) 5 Page - Linear Technology

  LT8610 Datasheet HTML 1Page - Linear Technology LT8610 Datasheet HTML 2Page - Linear Technology LT8610 Datasheet HTML 3Page - Linear Technology LT8610 Datasheet HTML 4Page - Linear Technology LT8610 Datasheet HTML 5Page - Linear Technology LT8610 Datasheet HTML 6Page - Linear Technology LT8610 Datasheet HTML 7Page - Linear Technology LT8610 Datasheet HTML 8Page - Linear Technology LT8610 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LT8610
5
8610fa
For more information www.linear.com/LT8610
TYPICAL PERFORMANCE CHARACTERISTICS
Top FET Current Limit vs Duty Cycle
Top FET Current Limit
Bottom FET Current Limit
Switch Drop
Minimum On-Time
Switch Drop
No Load Supply Current
No Load Supply Current
Minimum Off-Time
INPUT VOLTAGE (V)
0
0
0.5
1.5
2.0
2.5
5.0
3.5
10
20 25
45
8610 G10
1.0
4.0
4.5
3.0
5
15
30 35 40
VOUT = 3.3V
IN REGULATION
TEMPERATURE (°C)
–55 –25
0
10
25
5
65
95
8610 G11
5
20
15
35
125 155
VOUT = 3.3V
VIN = 12V
IN REGULATION
DUTY CYCLE
0
3.5
4.0
4.5
0.6
1.0
8610 G13
3.0
2.5
2.0
0.2
0.4
0.8
5.0
5.5
6.0
TEMPERATURE (°C)
–55
2.5
3.0
3.5
4.0
4.5
5.0
–25
5
35
65
8610 G14
95
125
30% DC
70% DC
TEMPERATURE (°C)
–55
2.4
2.6
2.8
3.0
3.2
3.6
–25
5
35
65
8610 G15
95
125
3.4
TEMPERATURE (°C)
–55
30
35
45
50
55
80
65
5
65
95
125
8610 G17
40
70
75
60
–25
35
155
ILOAD = 1A, VSYNC = 0V
ILOAD = 1A, VSYNC = 3V
ILOAD = 2.5A, VSYNC = 0V
ILOAD = 2.5A, VSYNC = 3V
TEMPERATURE (°C)
–50
95
35
8610 G18
80
70
–25
5
65
65
60
100
90
85
75
95
125 155
VIN = 3.3V
ILOAD = 0.5A
TEMPERATURE (°C)
–55 –25
0
100
250
5
65
95
8610 G40
50
200
150
35
125 155
TOP SW
BOT SW
SWITCH CURRENT = 1A
SWITCH CURRENT (A)
0
0
50
150
200
250
2
450
8610 G41
100
1
0.5
2.5
1.5
3
300
350
400
TOP SW
BOT SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com