Electronic Components Datasheet Search
  English  ▼

X  

TN1156 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TN1156
Description  Irradiated HV Power MOSFETs working in linear zone
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1156 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TN1156 Datasheet HTML 2Page - STMicroelectronics TN1156 Datasheet HTML 3Page - STMicroelectronics TN1156 Datasheet HTML 4Page - STMicroelectronics TN1156 Datasheet HTML 5Page - STMicroelectronics TN1156 Datasheet HTML 6Page - STMicroelectronics TN1156 Datasheet HTML 7Page - STMicroelectronics TN1156 Datasheet HTML 8Page - STMicroelectronics TN1156 Datasheet HTML 9Page - STMicroelectronics TN1156 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Experiments, results and discussion
TN1156
6/10
DocID025511 Rev 1
Figure 3. Comparison between standard and irradiated HV Power MOSFETs: TC
curves vs. ID (supplier 2)
In the above graph it is possible to notice that, considering both suppliers, the TC curve in
the irradiated device is higher (around double) therefore, the irradiated MOSFETs have a
thermal instability respect to standard ones in linear zone. These results can be explained
measuring the decrease of the threshold voltage against the temperature as shown in the
following graph (it is referred to
Figure 2).
Figure 4. Comparison between standard and irradiated HV Power MOSFETs: VTH,
∆V
TH curves vs. T (supplier 1)
In irradiated devices, the decrease of the threshold voltage versus the temperature is
higher, in fact: 13 mV/°C between 25 °C and 150 °C, while in standard devices, it is around -
10 mV/°C between 25 °C and 150 °C. If
∆V
TH
/
∆T is higher, TC rises as well and, as
GIPG141120131458FSR
GIPG141120131500FSR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com