Electronic Components Datasheet Search
  English  ▼

X  

TN1156 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TN1156
Description  Irradiated HV Power MOSFETs working in linear zone
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1156 Datasheet(HTML) 3 Page - STMicroelectronics

  TN1156 Datasheet HTML 1Page - STMicroelectronics TN1156 Datasheet HTML 2Page - STMicroelectronics TN1156 Datasheet HTML 3Page - STMicroelectronics TN1156 Datasheet HTML 4Page - STMicroelectronics TN1156 Datasheet HTML 5Page - STMicroelectronics TN1156 Datasheet HTML 6Page - STMicroelectronics TN1156 Datasheet HTML 7Page - STMicroelectronics TN1156 Datasheet HTML 8Page - STMicroelectronics TN1156 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID025511 Rev 1
3/10
TN1156
Basic concepts
10
1
Basic concepts
In linear zone, the Power MOSFET can be subjected to a thermal run-away process that
could lead the device to fail. Failures are experimentally explained as a drain current
focusing phenomenon (hot spots). Failures are generally localized in the center of the die,
close to the source wire bonding. Owing to that, standard theoretical FBSOA does not
exactly describe the safe area in forward-biased conditions since the red area portion is lost
(see
Figure 1). An analytical approach has been performed to describe this phenomenon. In
linear zone (saturation region), I
D
can be written as:
Equation 1
c
OX
is the gate oxide capacitance by unit area, W is the perimeter of the device, L is the
length of the channel, μ the mobility of the carriers in the channel and V
TH
is the threshold
voltage. Introducing the term K as:
Equation 2
Equation 1 can be rewritten as:
Equation 3
Figure 1. Example of Power MOSFET FBSOA
During the linear zone operating condition, when a power pulse is applied, the device
warms, the junction temperature increases and I
D
changes its value because the mobility of
I
D
1
2
---
μW
L
----- c
OX
V
GS
V
TH
–
()2
=
K
1
2
---c
OX
W
L
-----
μ
=
I
D
KV
GS
V
TH
–
()2
=
GIPG141120131502FSR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com