Electronic Components Datasheet Search
  English  ▼

X  

TN1156 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN1156
Description  Irradiated HV Power MOSFETs working in linear zone
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1156 Datasheet(HTML) 5 Page - STMicroelectronics

  TN1156 Datasheet HTML 1Page - STMicroelectronics TN1156 Datasheet HTML 2Page - STMicroelectronics TN1156 Datasheet HTML 3Page - STMicroelectronics TN1156 Datasheet HTML 4Page - STMicroelectronics TN1156 Datasheet HTML 5Page - STMicroelectronics TN1156 Datasheet HTML 6Page - STMicroelectronics TN1156 Datasheet HTML 7Page - STMicroelectronics TN1156 Datasheet HTML 8Page - STMicroelectronics TN1156 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID025511 Rev 1
5/10
TN1156
Experiments, results and discussion
10
2
Experiments, results and discussion
To evaluate the electro-thermal instability of irradiated HV Power MOSFETs working in
linear zone and to compare their performance with standard devices, two different samples
belonging to two different suppliers have been taken into account. Devices under testing
have a breakdown voltage equal to 600 V, a standard threshold voltage with 50 A of nominal
drain current in continuous mode when the ambient temperature is 25 °C. The only
difference between irradiated and not irradiated devices is the irradiation process. To study
the thermal behavior in linear zone of the devices under testing, thermal coefficients have
been measured: 10 V Vds. TC has been achieved against the drain current fixing the Vds
values to 10 V and considering two ambient temperature values: 25 °C and 75 °C. Testing
has been fulfilled considering the worst conditions where the current isn't fixed by external
equipment or controlled by a feedback, but it depends on the same transistor (open loop
case) only. The graph in
Figure 2 and Figure 3 takes into account TC versus I
D
for Vds = 10
V.
Figure 2. Comparison between standard and irradiated HV Power MOSFETs: TC
curves vs. ID (supplier 1)
GIPG141120131455FSR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com