Electronic Components Datasheet Search
  English  ▼

X  

TN1156 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN1156
Description  Irradiated HV Power MOSFETs working in linear zone
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1156 Datasheet(HTML) 4 Page - STMicroelectronics

  TN1156 Datasheet HTML 1Page - STMicroelectronics TN1156 Datasheet HTML 2Page - STMicroelectronics TN1156 Datasheet HTML 3Page - STMicroelectronics TN1156 Datasheet HTML 4Page - STMicroelectronics TN1156 Datasheet HTML 5Page - STMicroelectronics TN1156 Datasheet HTML 6Page - STMicroelectronics TN1156 Datasheet HTML 7Page - STMicroelectronics TN1156 Datasheet HTML 8Page - STMicroelectronics TN1156 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Basic concepts
TN1156
4/10
DocID025511 Rev 1
the carriers in the channel and V
TH
change theirs values. In particular, either μ or V
TH
decrease when the temperature increases. From the derivative of (equation
2) against T, the
thermal coefficient, TC, of the device can be achieved by:
Equation 4
TC is the main thermal-electro parameter used to monitor the thermal instability
phenomenon. In fact, in linear zone, the electro-thermal stability of each device is evaluated
by considering a graph where TC is achieved versus I
D
. In equation
4, the first term,
depending on the derivative of K, tries to make TC negative while, vice versa, the second
term, depending on the derivative of V
TH
, tries to make the same coefficient positive. If the
first one is higher than the second one, TC becomes negative and no failure occurs, vice
versa, TC becomes positive and a thermal run-away phenomenon could occurs. However,
even if TC is positive, the device could work in safety region. This depends on the capability
of the whole die thermal system to catch the heat per unit area and time developed by the
electrical power pulse. If the heat produced by unit time can be totally extracted from the
device, then the Power MOSFET works in safety conditions. Otherwise, the heat increases
the internal energy of the system causing a die temperature rise until T reaches the
maximum allowable value (localized silicon) leading the device to fail.
I
D
∂
T
∂
--------
I
D
K
-----
K
∂
T
∂
------
V
DS
c onst
=
=
2KI
D
V
TH
∂
T
∂
-------------
V
DS
con s t
=
–



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com