Electronic Components Datasheet Search
  English  ▼

X  

LT1010 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1010
Description  Fast 150mA Power Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1010 Datasheet(HTML) 1 Page - Linear Technology

  LT1010 Datasheet HTML 1Page - Linear Technology LT1010 Datasheet HTML 2Page - Linear Technology LT1010 Datasheet HTML 3Page - Linear Technology LT1010 Datasheet HTML 4Page - Linear Technology LT1010 Datasheet HTML 5Page - Linear Technology LT1010 Datasheet HTML 6Page - Linear Technology LT1010 Datasheet HTML 7Page - Linear Technology LT1010 Datasheet HTML 8Page - Linear Technology LT1010 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1010
1
1010fe
APPLICATIONS
n
Boost Op Amp Output
n
Isolate Capacitive Loads
n
Drive Long Cables
n
Audio Amplifiers
n
Video Amplifiers
n
Power Small Motors
n
Operational Power Supply
n
FET Driver
TYPICAL APPLICATION
DESCRIPTION
Fast ±150mA Power Buffer
The LT®1010 is a fast, unity-gain buffer that can increase
the output capability of existing IC op amps by more than
an order of magnitude. This easy-to-use part makes fast
amplifiers less sensitive to capacitive loading and reduces
thermal feedback in precision DC amplifiers.
Designed to be incorporated within the feedback loop, the
buffer can isolate almost any reactive load. Speed can be
improved with a single external resistor. Internal operating
currents are essentially unaffected by the supply voltage
range. Single supply operation is also practical.
This monolithic IC is supplied in 8-pin miniDIP, plastic
TO-220 and 8-pin DFN packages. The low thermal re-
sistance power package is an aid in reducing operating
junction temperatures.
Very Low Distortion Buffered Preamplifier
L
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FTEATURES
n
20MHz Bandwidth
n
75V/µs Slew Rate
n
Drives ±10V Into 75Ω
n
5mA Quiescent Current
n
Drives Capacitive Loads > 1µF
n
Current and Thermal Limit
n
Operates from Single Supply ≥ 4.5V
n
Very Low Distortion Operation
n
Available in 8-Pin miniDIP, Plastic TO-220
and Tiny 3mm
× 3mm × 0.75mm 8-Pin DFN Packages
–
+
LT1056CN8
LT1010CT
7
IN
OUT
OUTPUT
BOOST
V+
V+
1010 TA01
LM334
ISET = 2mA
RSET
33.2
1%
NOTE 1: ALL RESISTORS 1% METAL FILM
NOTE 2: SUPPLIES WELL BYPASSED AND LOW ZO
V–
V–
R7
50
C2
22pF
C1
22pF
V+
18V
V+
–18V
R6
100
R8
100
R4
10k
R3
1k
R1
1k
R2
1M
3
2
4
6
FREQUENCY (Hz)
0.1
0.2
0.4
10
1k
10k
100k
1010 TA02
0
100
0.3
VOUT = 10VP-P
RL = 400


Similar Part No. - LT1010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1010 LINER-LT1010 Datasheet
1Mb / 19P
Fast -150mA Power Buffer
LT1010 LINER-LT1010 Datasheet
364Kb / 18P
250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1010 LINER-LT1010 Datasheet
264Kb / 24P
500mA Power Op Amp with Adjustable Precision Current Limit
logo
Analog Devices
LT1010 AD-LT1010 Datasheet
626Kb / 18P
High Temperature 1.0A, 35MHz Current Feedback Amplifier
1210X TA01
LT1010 AD-LT1010 Datasheet
1Mb / 20P
1.1A, 35MHz Current Feedback Amplifier
Rev. C
More results

Similar Description - LT1010

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LH0033 CALOGIC-LH0033 Datasheet
92Kb / 9P
Fast Buffer
logo
Linear Technology
LT1010 LINER-LT1010 Datasheet
1Mb / 19P
Fast -150mA Power Buffer
logo
Calogic, LLC
LH0033CG CALOGIC-LH0033CG Datasheet
105Kb / 9P
Fast Buffer
logo
National Semiconductor ...
LH4009 NSC-LH4009 Datasheet
193Kb / 7P
FAST BUFFER
LH4008 NSC-LH4008 Datasheet
219Kb / 7P
Fast Buffer
logo
Linear Technology
LT1010 LINER-LT1010_06 Datasheet
275Kb / 20P
Fast 짹150mA Power Buffer
logo
SUNMATE electronic Co.,...
1N4154 SUNMATE-1N4154 Datasheet
80Kb / 2P
150mA Axial Leaded Fast Switching Diode
LL4148 SUNMATE-LL4148 Datasheet
77Kb / 2P
150mA Surface Mount Fast Switching Diode
LL4154 SUNMATE-LL4154 Datasheet
79Kb / 2P
150mA Surface Mount Fast Switching Diode
logo
Calogic, LLC
LH0033 CALOGIC-LH0033_15 Datasheet
84Kb / 9P
Fast Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com