Electronic Components Datasheet Search
  English  ▼

X  

LT1010 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1010
Description  Fast 150mA Power Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1010 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1010 Datasheet HTML 12Page - Linear Technology LT1010 Datasheet HTML 13Page - Linear Technology LT1010 Datasheet HTML 14Page - Linear Technology LT1010 Datasheet HTML 15Page - Linear Technology LT1010 Datasheet HTML 16Page - Linear Technology LT1010 Datasheet HTML 17Page - Linear Technology LT1010 Datasheet HTML 18Page - Linear Technology LT1010 Datasheet HTML 19Page - Linear Technology LT1010 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
LT1010
19
1010fe
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
E
5/11
Revised temperature ranges and values in Absolute Maximum Ratings and Pin Configuration sections
Revised Notes 2 and 4 in Electrical Characteristics section
Updated temperature values in Power Dissipation, Thermal Considerations for the MiniDIP Package, and Thermal
Resistance of DFN Package sections of the Applications Information section
2
3
8, 15
(Revision history begins at Rev E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com