Electronic Components Datasheet Search
  English  ▼

X  

LT1010 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1010
Description  Fast 150mA Power Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1010 Datasheet(HTML) 5 Page - Linear Technology

  LT1010 Datasheet HTML 1Page - Linear Technology LT1010 Datasheet HTML 2Page - Linear Technology LT1010 Datasheet HTML 3Page - Linear Technology LT1010 Datasheet HTML 4Page - Linear Technology LT1010 Datasheet HTML 5Page - Linear Technology LT1010 Datasheet HTML 6Page - Linear Technology LT1010 Datasheet HTML 7Page - Linear Technology LT1010 Datasheet HTML 8Page - Linear Technology LT1010 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1010
5
1010fe
TYPICAL PERFORMANCE CHARACTERISTICS
Voltage Gain
Output Resistance
Output Noise Voltage
Positive Saturation Voltage
Negative Saturation Voltage
Supply Current
Output Offset Voltage
Input Bias Current
Input Bias Current
TEMPERATURE (°C)
–50
100
150
150
1010 G10
50
0
0
50
100
200
VIN = 0
V+ = 38V
V– = –2V
V+ = 2V
V– = –38V
TEMPERATURE (°C)
–50
100
150
150
1010 G11
50
0
0
50
100
200
VIN = 0
V+ = 38V
V– = –2V
V+ = 2V
V– = –38V
OUTPUT CURRENT (mA)
–150
100
0
100
1010 G12
50
0
–100
–50
50
150
200
150
VS = ±15V
RL = 75
TJ = 125°C
TJ = 25°C
TJ = –55°C
TEMPERATURE (°C)
–50
0.997
0.998
0.999
0
50
100
150
1010 G13
1.000
IOUT = 0
VS = 40V
VS = 4.5V
TEMPERATURE (°C)
–50
0
4
8
0
50
100
150
1010 G14
12
2
6
10
IOUT ≤ 150mA
FREQUENCY (Hz)
10
100
150
200
100
1k
10k
1010 G15
50
0
TJ = 25°C
RS = 1k
RS = 50
TEMPERATURE (°C)
–50
2
3
150
1010 G16
1
0
0
50
100
4
IL = 150mA
IL = 50mA
IL = 5mA
TEMPERATURE (°C)
–50
2
3
150
1010 G17
1
0
0
50
100
4
IL = –150mA
IL = –50mA
IL = –5mA
TOTAL SUPPLY VOLTAGE (V)
0
5
6
40
1010 G18
4
3
10
20
30
7
TJ = –55°C
TJ = 25°C
TJ = 125°C
VIN = 0
IOUT = 0
IBIAS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com