Electronic Components Datasheet Search
  English  ▼

X  

LT1010 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1010
Description  Fast 150mA Power Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1010 Datasheet(HTML) 4 Page - Linear Technology

  LT1010 Datasheet HTML 1Page - Linear Technology LT1010 Datasheet HTML 2Page - Linear Technology LT1010 Datasheet HTML 3Page - Linear Technology LT1010 Datasheet HTML 4Page - Linear Technology LT1010 Datasheet HTML 5Page - Linear Technology LT1010 Datasheet HTML 6Page - Linear Technology LT1010 Datasheet HTML 7Page - Linear Technology LT1010 Datasheet HTML 8Page - Linear Technology LT1010 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1010
4
1010fe
TYPICAL PERFORMANCE CHARACTERISTICS
Small-Step Response
Output Impedance
Capacitive Loading
Slew Response
Negative Slew Rate
Supply Current
Bandwidth
Phase Lag
Phase Lag
QUIESCENT CURRENT (mA)
0
0
20
50
10
20
1010 G01
10
40
30
30
40
RL = 200
RL = 50
VIN = 100mVP-P
CL 100pF
AV = –3dB
TJ = 25°C
FREQUENCY (MHz)
2
5
5
10
20
50
10
20
1010 G02
RL = 50
RL = 200
CL = 100pF
RS = 50
IBIAS = 0
TJ = 25°C
FREQUENCY (MHz)
2
5
5
10
20
50
10
20
1010 G03
RL = 50
RL = 200
CL = 100pF
RS = 50
RBIAS = 20
TJ = 25°C
TIME (ns)
0
–150
–100
–50
0
50
150
10
20
1010 G04
30
100
RL = 100
TJ = 25°C
INPUT
OUTPUT
FREQUENCY (MHz)
0.1
1
10
100
1
10
100
1010 G05
IBIAS = 0
TJ = 25°C
FREQUENCY (MHz)
0.1
–20
0
10
1
10
100
1010 G06
–10
RS = 50
IBIAS = 0
TJ = 25°C
100pF
3nF
0.1µF
TIME (ns)
–50
–5
0
5
100
200
1010 G07
–10
–15
–20
0
50
150
10
15
20
250
VS = ±15V
RL = 100
TJ = 25°C
f ≤ 1MHz
POSITIVE
NEGATIVE
IBIAS = 0
RBIAS = 20
QUIESCENT CURRENT (mA)
0
200
300
40
1010 G08
100
0
10
20
30
400
VS = ±15V
0 ≥ VIN ≥ –10V
RL = 200
RL = 100
RL = 50
FREQUENCY (MHz)
0
80
60
40
20
0
4
1010 G09
1
2
3
5
VS = ±15V
VIN = ±10V
IL = 0
TC = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com