Electronic Components Datasheet Search
  English  ▼

X  

LT1010 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1010
Description  Fast 150mA Power Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1010 Datasheet(HTML) 3 Page - Linear Technology

  LT1010 Datasheet HTML 1Page - Linear Technology LT1010 Datasheet HTML 2Page - Linear Technology LT1010 Datasheet HTML 3Page - Linear Technology LT1010 Datasheet HTML 4Page - Linear Technology LT1010 Datasheet HTML 5Page - Linear Technology LT1010 Datasheet HTML 6Page - Linear Technology LT1010 Datasheet HTML 7Page - Linear Technology LT1010 Datasheet HTML 8Page - Linear Technology LT1010 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1010
3
1010fe
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (See Note 4. Typical values in curves.)
SYMBOL
PARAMETER
CONDITIONS (Note 4)
MIN
TYP
MAX
UNITS
VOS
Output Offset Voltage
(Note 4)
l
0
–20
150
220
mV
mV
VS = ±15V, VIN = 0V
20
100
mV
IB
Input Bias Current
IOUT = 0mA
IOUT ≤ 150mA
l
0
0
0
250
500
800
µA
µA
µA
AV
Large-Signal Voltage Gain
l
0.995
1.00
V/V
ROUT
Output Resistance
IOUT = ±1mA
IOUT = ±150mA
l
5
5
10
10
12
Ω
Ω
Ω
Slew Rate
VS = ±15V, VIN = ±10V, VOUT = ±8V, RL = 100Ω
75
V/µs
VSOS+
Positive Saturation Offset
IOUT = 0 (Note 5)
l
1.0
1.1
V
V
VSOS–
Negative Saturation Offset
IOUT = 0 (Note 5)
l
0.2
0.3
V
V
RSAT
Saturation Resistance
IOUT = ±150mA (Note 5)
l
22
28
Ω
Ω
VBIAS
Bias Terminal Voltage
RBIAS = 20Ω (Note 6)
l
700
560
840
880
mV
mV
IS
Supply Current
IOUT = 0, IBIAS = 0
l
9
10
mA
mA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Dissipation must be based on a thermal resistance. See
Application Information for power dissipation.
Note 3: In current limit or thermal limit, input current increases sharply
with input-output differentials greater than 8V; so input current must be
limited. Input current also rises rapidly for input voltages 8V above V+ or
0.5V below V–.
Note 4: Specifications apply for 4.5V ≤ VS ≤ 40V,
V– + 0.5V ≤ VIN ≤ V+ – 1.5V and IOUT = 0, unless otherwise stated.
Temperature range is 0°C ≤ TC ≤ 100°C.
Note 5: The output saturation characteristics are measured with 100mV
output clipping. See Applications Information for determining available
output swing and input drive requirements for a given load.
Note 6: The output stage quiescent current can be increased by connecting
a resistor between the BIAS pin and V+. The increase is equal to the bias
terminal voltage divided by this resistance.
Note 7: Thermal resistance varies depending upon the amount of PC board
metal attached to the pin (Pin 9) of the device.
θJA is specified for a certain
amount of 1oz copper metal trace connecting to Pin 9 as described in the
thermal resistance tables in the Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com