Electronic Components Datasheet Search
  English  ▼

X  

UPD6121 Datasheet(PDF) 11 Page - NEC

Part # UPD6121
Description  REMOTE CONTROL TRANSMISSION CMOS IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6121 Datasheet(HTML) 11 Page - NEC

Back Button UPD6121 Datasheet HTML 7Page - NEC UPD6121 Datasheet HTML 8Page - NEC UPD6121 Datasheet HTML 9Page - NEC UPD6121 Datasheet HTML 10Page - NEC UPD6121 Datasheet HTML 11Page - NEC UPD6121 Datasheet HTML 12Page - NEC UPD6121 Datasheet HTML 13Page - NEC UPD6121 Datasheet HTML 14Page - NEC UPD6121 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
µPD6121, 6122
11
18 ms to 36 ms
3
27 ms
4.5 ms
9 ms
13.5 ms
Leader Code
Custom Code
8 bits
Custom Code’
8 bits
Data Code
8 bits
Data Code
8 bits
Stop Bit
1 bit
58.5 ms to 76.5 ms
REM output
4.
REMOTE OUTPUT WAVEFORM (NEC TRANSMISSION FORMAT:
ONE-SHOT COMMAND TRANSMISSION MODE)
•
When fOSC = 455 kHz
(1) Remote (REM) output (from stage 2 , transmission occurs only when key is kept depressed)
(2) Magnification of stage 1
(3) Magnification of waveform 3
(4) Magnification of waveform 2
(5) Carrier waveform (Magnification of HIGH period of codes)
Remark
If a key is kept depressed, the second and subsequent times, only the leader code and the stop
bit are transmitted, which allows power savings for the infrared-emitting diode. If a command is
issued continuously in the same way the second and subsequent times as the first time, refer to
7. ONE-SHOT/CONTINUOUS COMMAND TRANSMISSION MODE.
1.125 ms
9 ms
13.5 ms
4.5 ms
0.56 ms
2.25 ms
01
1
0
0
REM output
58.5 to 76.5 ms
108 ms
108 ms
1
2
REM output
9 ms
11.25 ms
2.25 ms
Leader Code
0.56 ms
Stop Bit
REM output
REM output
9 ms or 0.56 ms
Carrier frequency: fc = fosc/12 = 38 kHz
8.77 µs
26.3 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com