Electronic Components Datasheet Search
  English  ▼

X  

UPD6121 Datasheet(PDF) 18 Page - NEC

Part # UPD6121
Description  REMOTE CONTROL TRANSMISSION CMOS IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6121 Datasheet(HTML) 18 Page - NEC

Back Button UPD6121 Datasheet HTML 14Page - NEC UPD6121 Datasheet HTML 15Page - NEC UPD6121 Datasheet HTML 16Page - NEC UPD6121 Datasheet HTML 17Page - NEC UPD6121 Datasheet HTML 18Page - NEC UPD6121 Datasheet HTML 19Page - NEC UPD6121 Datasheet HTML 20Page - NEC UPD6121 Datasheet HTML 21Page - NEC UPD6121 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
µPD6121, 6122
18
(3) Application circuit example, receive side
Note
The
µPC2801A’s active level is high.
IN
OUT
INT
Preamplifier
(amplification, waveform shaping)
µPC2803
µPC2804
µPC2800A, 2801ANote
Shield case
17K series
75X series
75XL series
78K series
Key input
Display
Control
Communica-
tions
Microcomputer
PIN photo diode
PH302C
PH310
PH320
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com