Electronic Components Datasheet Search
  English  ▼

X  

UPD6121 Datasheet(PDF) 17 Page - NEC

Part # UPD6121
Description  REMOTE CONTROL TRANSMISSION CMOS IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6121 Datasheet(HTML) 17 Page - NEC

Back Button UPD6121 Datasheet HTML 13Page - NEC UPD6121 Datasheet HTML 14Page - NEC UPD6121 Datasheet HTML 15Page - NEC UPD6121 Datasheet HTML 16Page - NEC UPD6121 Datasheet HTML 17Page - NEC UPD6121 Datasheet HTML 18Page - NEC UPD6121 Datasheet HTML 19Page - NEC UPD6121 Datasheet HTML 20Page - NEC UPD6121 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
µPD6121, 6122
17
8.
APPLICATION CIRCUIT EXAMPLE
(1) Example application circuit using
µPD6121
(2) Example application circuit using
µPD6122
+
VDD
VDD
=
OSCO
OSCI
VDD
LMP
REM
VSS
CCS
KI0
KI3 KI/O0
KI/O7
µPD6121G-001
SEL
3V
455 kHz
Ceramic resonator
Infrared-emitting diode
SE303A-C
SE307-C
SE313
SE1003-C
2SC2001, 3616
2SD1513, 1616
2SD1614
Custom code selection resistor
Key matrix
8 x 4 = 32 keys
Custom code selection diode
+
OSCO
OSCI
VDD
LMP
REM
VSS
CCS
KI0
KI7 KI/O0
KI/O7
µPD6122G-001
SEL
3V
455 kHz
Ceramic resonator
Infrared-emitting diode
SE303A-C
SE307-C
SE313
SE1003-C
2SC2001, 3616
2SD1513, 1616
2SD1614
Custom code selection resistor
Key matrix
8 x 8 = 64 keys
Custom code selection diode
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com