Electronic Components Datasheet Search
  English  ▼

X  

UPD6121 Datasheet(PDF) 13 Page - NEC

Part # UPD6121
Description  REMOTE CONTROL TRANSMISSION CMOS IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6121 Datasheet(HTML) 13 Page - NEC

Back Button UPD6121 Datasheet HTML 9Page - NEC UPD6121 Datasheet HTML 10Page - NEC UPD6121 Datasheet HTML 11Page - NEC UPD6121 Datasheet HTML 12Page - NEC UPD6121 Datasheet HTML 13Page - NEC UPD6121 Datasheet HTML 14Page - NEC UPD6121 Datasheet HTML 15Page - NEC UPD6121 Datasheet HTML 16Page - NEC UPD6121 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
µPD6121, 6122
13
6.
DOUBLE-INPUT OPERATION
All keys are provided with a multiple-input prevention circuit. When two or more keys are pressed simulta-
neously, no signal is transmitted; but when the keys K21 and K22, K21 and K23, or K21 and K24 are pressed
together, D5 is set to “1”. However, the way keys are pressed determines the priority: If K22/K23/K24 are pressed
126 ms or longer after K21 is pressed, transmission is performed in this mode.
Double-input key operation is ideally suited for tape recording error prevention applications.
Double-Input Operation Key Codes
KEY
D0
D1
D2
D3
D4
D5
D6
D7
K21 + K22
1010110
0/1
K21 + K23
0110110
0/1
K21 + K24
1110110
0/1
Double-Input Operation Timing
1 Double-input transmission
2 No operation
3 No operation
4 No operation
K21 code transmission
t > 126 ms
K21
push
K22/K23/K24
push
D5 + K22/K23/K24 code transmission
K21 code transmission
36 ms < t < 126 ms
K21
push
K22/K23/K24
push
Transmission stop
–36 ms < t < 36 ms
K21
push
K22/K23/K24
push
No transmission
K21
push
K22/K23/K24
push
t > 126 ms
K22/K23/K24 code transmission
Transmission stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com