Electronic Components Datasheet Search
  English  ▼

X  

UPD6121 Datasheet(PDF) 23 Page - NEC

Part # UPD6121
Description  REMOTE CONTROL TRANSMISSION CMOS IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6121 Datasheet(HTML) 23 Page - NEC

Back Button UPD6121 Datasheet HTML 19Page - NEC UPD6121 Datasheet HTML 20Page - NEC UPD6121 Datasheet HTML 21Page - NEC UPD6121 Datasheet HTML 22Page - NEC UPD6121 Datasheet HTML 23Page - NEC UPD6121 Datasheet HTML 24Page - NEC UPD6121 Datasheet HTML 25Page - NEC UPD6121 Datasheet HTML 26Page - NEC UPD6121 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
µPD6121, 6122
23
11.
RECOMMENDED SOLDERING CONDITIONS
The following conditions (see table below) must be met when soldering this product.
For more details, refer to the NEC document SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY
MANUAL (IEI-1207).
Please consult an NEC sales representative in case an other soldering process is used, or in case soldering
is done under different conditions.
Table 11-1. Soldering Conditions for Surface Mounting
µPD6121G-001: 20-pin plastic SOP (375 mil)
µPD6121G-002: 20-pin plastic SOP (375 mil)
µPD6122G-001: 24-pin plastic SOP (375 mil)
µPD6122G-002: 24-pin plastic SOP (375 mil)
Soldering Process
Soldering Conditions
Symbol
Infrared ray reflow
Peak temperature of package surface: 230
°C,
IR30-00-1
Reflow time: 30 seconds or less (210
°C or higher),
Number of reflow processes: 1
VPS
Peak temperature of package surface: 215
°C,
VP15-00-1
Reflow time: 40 seconds or less (200
°C or higher),
Number of reflow processes: 1
Wave soldering
Solder temperature: 260
°C or lower,
WS60-00-1
Reflow time: 10 seconds or less, Number of reflow processes: 1
Preheat temperature: 120
°C or lower (at package surface)
Partial heating
Pin temperature: 300
°C or lower,
—
Time: 3 seconds or less (per device side)
Caution
Do not apply more than one soldering method at any one time, except for the partial heating
method.
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com