Electronic Components Datasheet Search
  English  ▼

X  

LT1126 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1126
Description  Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1126 Datasheet(HTML) 1 Page - Linear Technology

  LT1126 Datasheet HTML 1Page - Linear Technology LT1126 Datasheet HTML 2Page - Linear Technology LT1126 Datasheet HTML 3Page - Linear Technology LT1126 Datasheet HTML 4Page - Linear Technology LT1126 Datasheet HTML 5Page - Linear Technology LT1126 Datasheet HTML 6Page - Linear Technology LT1126 Datasheet HTML 7Page - Linear Technology LT1126 Datasheet HTML 8Page - Linear Technology LT1126 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT1126/LT1127
11267fa
1
FREQUENCY (Hz)
3
10
30
100
0.1
10
100
1000
1126-7 TA01b
1
1.0
MAXIMUM
TYPICAL
V = 15V
T = 25
°C
S
A
±
1/f CORNER
2.3Hz
GAIN = 1000, BANDWIDTH = 480kHz
INPUT REFERRED NOISE = 4.5nV/ Hz AT 1kHz, 6
µV
RMS OVER BANDWIDTH
+
–
1/4
LT1127
1126-7 TA01
OUTPUT
1/4
LT1127
10k
620
6.2k
200
6.2k
10k
√
Ω
– INPUT
Ω
620
Ω
+ INPUT
1/4
LT1127
+
–
+
–
, LTC and LT are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents including
4775884, 4837496.
The LT
®1126 dual and LT1127 quad are high perfor-
mance, decompensated op amps that offer higher slew
rate and bandwidth than the LT1124 dual and the LT1125
quad operational amplifiers. The enhanced AC perfor-
mance is available without degrading DC specs of the
LT1124/LT1125. Both LT1126/LT1127 are stable in a gain
of 10 or more.
In the design, processing and testing of the device, par-
ticular attention has been paid to the optimization of the
entire distribution of several key parameters. Slew rate,
gain-bandwidth and 1kHz noise are 100% tested for each
individual amplifier. Consequently, the specifications of
even the lowest cost grades (the LT1126C and the LT1127C)
have been enhanced.
Power consumption of the dual LT1126 is less than one
half of two OP-37s. Low power and high performance in an
8-pin SO package makes the LT1126 a first choice for
surface mounted systems and where board space is
restricted.
■ Two and Three Op Amp Instrumentation Amplifiers
■ Low Noise Signal Processing
■ Active Filters
■ Microvolt Accuracy Threshold Detection
■ Strain Gauge Amplifiers
■ Direct Coupled Audio Gain Stages
■ Tape Head Preamplifiers
■ Microphone Preamplifiers
■ Accelerometer Amplifiers
■ Infrared Detectors
■ 100% Tested Low Voltage Noise: 2.7nV/
√Hz Typ,
4.2nV/
√Hz Max
■ Slew Rate: 11V/
µs Typ
■ Gain-Bandwidth Product: 65MHz Typ
■ Offset Voltage, Prime Grade: 70
µV Max
Low Grade: 100
µV Max
■ High Voltage Gain: 5 Million Min
■ Supply Current Per Amplifier: 3.1mA Max
■ Common Mode Rejection: 112dB Min
■ Power Supply Rejection: 116dB Min
■ Available in 8-Lead SOIC, 8-Lead DIP, 16-Lead SO
and 14-Lead DIP Packages
APPLICATIO S
TYPICAL APPLICATIO
DESCRIPTIO
FEATURES
Dual/Quad
Decompensated Low Noise,
High Speed Precision Op Amps
Low Noise, Wide Bandwidth Instrumentation Amplifier
Voltage Noise vs Frequency


Similar Part No. - LT1126

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1126 LINER-LT1126 Datasheet
250Kb / 8P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126 Datasheet
270Kb / 12P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126AC LINER-LT1126AC Datasheet
250Kb / 8P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126ACN8 LINER-LT1126ACN8 Datasheet
250Kb / 8P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126ACN8 LINER-LT1126ACN8 Datasheet
270Kb / 12P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
More results

Similar Description - LT1126

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126 Datasheet
250Kb / 8P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1126 LINER-LT1126_05 Datasheet
270Kb / 12P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Technology
LT1127 LINER-LT1127_15 Datasheet
280Kb / 12P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com