Electronic Components Datasheet Search
  English  ▼

X  

LT1126 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1126
Description  Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1126 Datasheet(HTML) 4 Page - Linear Technology

  LT1126 Datasheet HTML 1Page - Linear Technology LT1126 Datasheet HTML 2Page - Linear Technology LT1126 Datasheet HTML 3Page - Linear Technology LT1126 Datasheet HTML 4Page - Linear Technology LT1126 Datasheet HTML 5Page - Linear Technology LT1126 Datasheet HTML 6Page - Linear Technology LT1126 Datasheet HTML 7Page - Linear Technology LT1126 Datasheet HTML 8Page - Linear Technology LT1126 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1126/LT1127
11267fa
The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at VS = ±15V,
−40°C ≤ TA ≤ 85°C, unless otherwise noted. (Note 10)
LT1126AC
LT1126C
LT1127AC
LT1127C
SYMBOL
PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1126
●
35
120
45
170
µV
LT1127
●
40
140
50
210
µV
∆VOS/∆T
Average Input Offset Voltage Drift
(Note 5)
●
0.3
1.0
0.4
1.5
µV/°C
IOS
Input Offset Current
LT1126
●
625
735
nA
LT1127
●
735
845
nA
IB
Input Bias Current
●
± 8
± 35
± 9
± 45
nA
VCM
Input Voltage Range
● ± 11.5 ± 12.4
± 11.5 ± 12.4
V
CMRR
Common Mode Rejection Ratio
VCM = ±11.5V
●
109
125
102
122
dB
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±18V
●
112
125
107
122
dB
AVOL
Large Signal Voltage Gain
RL ≥ 10kΩ, VO = ±10V
●
4.0
15.0
2.5
14.0
V/
µV
RL ≥ 2kΩ, VO = ±10V
●
1.5
3.5
1.0
2.5
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2kΩ
● ± 12.5 ± 13.7
± 12.0 ± 13.7
V
SR
Slew Rate
RL ≥ 2kΩ (Notes 3, 7)
●
7.5
10.5
7.3
10.5
V/
µs
IS
Supply Current Per Amplifier
●
2.7
3.3
2.7
3.3
mA
LT1126AC
LT1126C
LT1127AC
LT1127C
SYMBOL
PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1126
●
40
140
50
200
µV
LT1127
●
45
160
55
240
µV
∆VOS/∆T
Average Input Offset Voltage Drift
(Note 5)
●
0.3
1.0
0.4
1.5
µV/°C
IOS
Input Offset Current
LT1126
●
15
40
17
55
nA
LT1127
●
15
50
17
65
nA
IB
Input Bias Current
●
± 15
± 50
± 17
± 65
nA
VCM
Input Voltage Range
● ± 11.4 ± 12.2
± 11.4 ± 12.2
V
CMRR
Common Mode Rejection Ratio
VCM = ±11.4V
●
107
124
101
121
dB
PSRR
Power Supply Rejection Ratio
VS = ± 4V to ±18V
●
111
124
106
121
dB
AVOL
Large Signal Voltage Gain
RL ≥ 10kΩ, VO = ±10V
●
3.5
12.0
2.2
12.0
V/
µV
RL ≥ 2kΩ, VO = ±10V
●
1.2
3.2
0.8
2.3
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2kΩ
● ± 12.5 ± 13.6
± 12.0 ± 13.6
V
SR
Slew Rate
RL ≥ 2kΩ (Note 7)
●
7.3
10.2
7.1
10.2
V/
µs
IS
Supply Current Per Amplifier
●
2.8
3.4
2.8
3.4
mA
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at VS = ±15V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
Note 7: Slew rate is measured in AV = –10; input signal is ±1V, output
measured at
±5V.
Note 8: 0.1Hz to 10Hz noise can be inferred from the 10Hz noise voltage
density test. See the test circuit and frequency response curve for 0.1Hz to
10Hz tester in the Applications Information section of the LT1007 or
LT1028 datasheets.
Note 9: This parameter is guaranteed but not tested.
Note 10: The LT1126/LT1127 are designed, characterized and expected to
meet these extended temperature limits, but are not tested at –40
°C and at
85
°C. Guaranteed I grade parts are available. Consult factory.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifiers; i.e., out of 100 LT1127s (or 100
LT1126s) typically 240 op amps (or 120) will be better than the indicated
specification.
Note 3: This parameter is 100% tested for each individual amplifier.
Note 4: This parameter is sample tested only.
Note 5: This parameter is not 100% tested.
Note 6: The inputs are protected by back-to-back diodes. Current limiting
resistors are not used in order to achieve low noise. If differential input
voltage exceeds
±1.4V, the input current should be limited to 25mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com