Electronic Components Datasheet Search
  English  ▼

X  

LT1126 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1126
Description  Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1126 Datasheet(HTML) 3 Page - Linear Technology

  LT1126 Datasheet HTML 1Page - Linear Technology LT1126 Datasheet HTML 2Page - Linear Technology LT1126 Datasheet HTML 3Page - Linear Technology LT1126 Datasheet HTML 4Page - Linear Technology LT1126 Datasheet HTML 5Page - Linear Technology LT1126 Datasheet HTML 6Page - Linear Technology LT1126 Datasheet HTML 7Page - Linear Technology LT1126 Datasheet HTML 8Page - Linear Technology LT1126 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT1126/LT1127
11267fa
3
VOS
Input Offset Voltage
LT1126
20
70
25
100
µV
LT1127
25
90
30
140
µV
∆VOS
Long Term Input Offset
0.3
0.3
µV/Mo
∆Time
Voltage Stability
IOS
Input Offset Current
LT1126
5
15
6
20
nA
LT1127
6
20
7
30
nA
IB
Input Bias Current
± 7
± 20
± 8
± 30
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Notes 8, 9)
70
200
70
nVp-p
Input Noise Voltage Density
fO = 10Hz (Note 5)
3.0
5.5
3.0
5.5
nV/
√Hz
fO = 1000Hz (Note 3)
2.7
4.2
2.7
4.2
nV/
√Hz
in
Input Noise Current Density
fO = 10Hz
1.3
1.3
pA/
√Hz
fO = 1000Hz
0.3
0.3
pA/
√Hz
VCM
Input Voltage Range
± 12.0 ± 12.8
± 12.0 ± 12.8
V
CMRR
Common Mode Rejection Ratio
VCM = ±12V
112
126
106
124
dB
PSRR
Power Supply Rejection Ratio
VS = ± 4V to ±18V
116
126
110
124
dB
AVOL
Large Signal Voltage Gain
RL ≥ 10kΩ, VO = ±10V
5.0
17.0
3.0
15.0
V/
µV
RL ≥ 2kΩ, VO = ±10V
2.0
4.0
1.5
3.0
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2kΩ
± 13.0 ± 13.8
± 12.5 ± 13.8
V
SR
Slew Rate
RL ≥ 2kΩ (Notes 3, 7)
8.0
11
8.0
11
V/
µs
GBW
Gain-Bandwidth Product
fO = 10kHz (Note 3)
45
65
45
65
MHz
ZO
Open Loop Output Resistance
VO = 0, IO = 0
75
75
Ω
IS
Supply Current Per Amplifier
2.6
3.1
2.6
3.1
mA
Channel Separation
f
≤ 10Hz (Note 9)
134
150
130
150
dB
VO = ±10V, RL = 2kΩ
The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at VS = ±15V,
−55°C ≤ TA ≤ 125°C, unless otherwise noted.
LT1126AM/AC
LT1126M/C
LT1127AM/AC
LT1127M/C
SYMBOL
PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ELECTRICAL C
C
HARA TERISTICS V
S = ±15V, TA = 25°C, unless otherwise noted.
LT1126AM
LT1126M
LT1127AM
LT1127M
SYMBOL
PARAMETER
CONDITIONS (Note 1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1126
●
50
170
60
250
µV
LT1127
●
55
190
70
290
µV
∆VOS
Average Input Offset Voltage Drift
(Note 5)
●
0.3
1.0
0.4
1.5
µV/°C
∆Temp
IOS
Input Offset Current
LT1126
●
18
45
20
60
nA
LT1127
●
18
55
20
70
nA
IB
Input Bias Current
●
± 18
± 55
± 20
± 70
nA
VCM
Input Voltage Range
● ± 11.3 ± 12
± 11.3 ± 12
V
CMRR
Common Mode Rejection Ratio
VCM = ±11.3V
●
106
122
100
120
dB
PSRR
Power Supply Rejection Ratio
VS = ± 4V to ±18V
●
110
122
104
120
dB
AVOL
Large Signal Voltage Gain
RL ≥ 10kΩ, VO = ±10V
●
3.0
10.0
2.0
10.0
V/
µV
RL ≥ 2kΩ, VO = ±10V
●
1.0
3.0
0.7
2.0
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2kΩ
● ± 12.5 ± 13.6
± 12.0 ± 13.6
V
SR
Slew Rate
RL ≥ 2kΩ (Notes 3, 7)
●
7.2
10
7.0
10
V/
µs
IS
Supply Current Per Amplifier
●
2.8
3.5
2.8
3.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com