Electronic Components Datasheet Search
  English  ▼

X  

LT1126 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1126
Description  Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1126 Datasheet(HTML) 5 Page - Linear Technology

  LT1126 Datasheet HTML 1Page - Linear Technology LT1126 Datasheet HTML 2Page - Linear Technology LT1126 Datasheet HTML 3Page - Linear Technology LT1126 Datasheet HTML 4Page - Linear Technology LT1126 Datasheet HTML 5Page - Linear Technology LT1126 Datasheet HTML 6Page - Linear Technology LT1126 Datasheet HTML 7Page - Linear Technology LT1126 Datasheet HTML 8Page - Linear Technology LT1126 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT1126/LT1127
11267fa
5
SUPPLY VOLTAGE (V)
0
0
1
2
3
510
15
20
1126-7 G06
±
±
±
±
25
°C
125
°C
–55
°C
FREQUENCY (Hz)
80
100
120
140
160
1k
100k
1M
10M
1126-7 G05
10k
60
40
20
0
TA = 25°C
VS = ±15V
VCM = ±10V
FREQUENCY (Hz)
40
100
120
1126-7 G04
1
0.01
100
10k
1M
100M
–20
0
20
60
140
160
180
80
VS = ±15V
TA = 25°C
A
= –10, V = 15V
VCL
S
±
1126-7 G03
+10V
0V
–10V
1126-7 G02
–50mV
A
= –10, V = 15V OR
5V
C = 15pF
VCL
S
±
±
L
0mV
50mV
FREQUENCY (MHz)
0.1
–10
10
30
40
50
1.0
10
100
1126-7 G01
0
20
180
140
100
80
60
160
120
V = 15V
T = 25
°C
C = 10pF
S
A
L
±
GAIN
Ø
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
*See LT1115 data sheet for definition of CCIF testing
Gain, Phase Shift vs Frequency
Small-Signal Transient Response
Large-Signal Transient Response
Common Mode Rejection Ratio vs
Voltage Gain vs Frequency
Frequency
Supply Current vs Supply Voltage
The typical behavior of many LT1126/LT1127 parameters
is identical to the LT1124/LT1125. Please refer to the
LT1124/LT1125 data sheet for the following performance
characteristics:
0.1Hz to 10Hz Voltage Noise
0.01Hz to 1Hz Voltage Noise
Current Noise vs Frequency
Input Bias or Offset Current vs Temperature
Output Short Circuit Current vs Time
Input Bias Current Over the Common Mode Range
Voltage Gain vs Temperature
Input Offset Voltage Drift Distribution
Offset Voltage Drift with Temperature of Representative
Units
Output Voltage Swing vs Load Current
Common Mode Limit vs Temperature
Channel Separation vs Frequency
Warm-Up Drift
Power Supply Rejection Ratio vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com