Electronic Components Datasheet Search
  English  ▼

X  

LT1126 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1126
Description  Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1126 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1126 Datasheet HTML 2Page - Linear Technology LT1126 Datasheet HTML 3Page - Linear Technology LT1126 Datasheet HTML 4Page - Linear Technology LT1126 Datasheet HTML 5Page - Linear Technology LT1126 Datasheet HTML 6Page - Linear Technology LT1126 Datasheet HTML 7Page - Linear Technology LT1126 Datasheet HTML 8Page - Linear Technology LT1126 Datasheet HTML 9Page - Linear Technology LT1126 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1126/LT1127
11267fa
LT1126AM/AC
LT1126M/C
LT1127AM/AC
LT1127M/C
PARAMETER
50% YIELD
98% YIELD
50% YIELD
98% YIELD
UNITS
VOS Match, ∆VOS
LT1126
20
110
30
130
µV
LT1127
30
150
50
180
µV
Temperature Coefficient Match
0.35
1.0
0.5
1.5
µV/°C
Average Non-Inverting IB
618
725
nA
Match of Non-Inverting IB
722
830
nA
CMRR Match
126
115
123
112
dB
PSRR Match
127
118
127
114
dB
APPLICATIO S I FOR ATIO
FREQUENCY (Hz)
3k
10k
20k
1126-7 G09
ZL = 2k/15pF
f (IM) = 1kHz
fO = 13.5kHz
VO = 20Vp-p
AV = –10
MEASUREMENT BANDWITH
= 10Hz TO 80kHz
LT1126
0.010
0.1
0.001
0.0001
FREQUENCY (Hz)
0.010
0.1
20
1k
10k
20k
1126-7 G08
100
0.001
0.0001
ZL = 2k/15pF
VO = 20Vp-p
AV = +10, +100
MEASUREMENT BANDWITH
= 10Hz TO 80kHz
AV = +10
AV = +100
FREQUENCY (Hz)
0.010
0.1
20
1k
10k
20k
1126-7 G07
100
0.001
0.0001
ZL = 2k/15pF
VO = 20Vp-p
AV = –10, –100
MEASUREMENT BANDWITH
= 10Hz TO 80kHz
AV = –10
AV = –100
Total Harmonic Distortion
Total Harmonic Distortion
and Noise vs Frequency for
and Noise vs Frequency for
Intermodulation Distortion
Inverting Gain
Non-Inverting Gain
(CCIF Method)* vs Frequency
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
*See LT1115 data sheet for definition of CCIF testing
Matching Specifications
In many applications the performance of a system de-
pends on the matching between two op amps, rather than
the individual characteristics of the two devices. The three
op amp instrumentation amplifier configuration shown in
this data sheet is an example. Matching characteristics are
not 100% tested on the LT1126/LT1127.
Expected Match
Some specifications are guaranteed by definition. For
example, 70
µV maximum offset voltage implies that mis-
match cannot be more than 140
µV. 112dB (= 2.5µV/V)
CMRR means that worst case CMRR match is 106dB
(5
µV/V). However, the following table can be used to
estimate the expected matching performance between the
two sides of the LT1126, and between amplifiers A and D,
and between amplifiers B and C of the LT1127.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com