Electronic Components Datasheet Search
  English  ▼

X  

LT1354 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1354
Description  12MHz, 400V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1354 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1354 Datasheet HTML 3Page - Linear Technology LT1354 Datasheet HTML 4Page - Linear Technology LT1354 Datasheet HTML 5Page - Linear Technology LT1354 Datasheet HTML 6Page - Linear Technology LT1354 Datasheet HTML 7Page - Linear Technology LT1354 Datasheet HTML 8Page - Linear Technology LT1354 Datasheet HTML 9Page - Linear Technology LT1354 Datasheet HTML 10Page - Linear Technology LT1354 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1354
TYPICAL PERFORMANCE CHARACTERISTICS
Power Supply Rejection Ratio
vs Frequency
Common-Mode Rejection Ratio
vs Frequency
Slew Rate vs Input Level
Slew Rate vs Temperature
Frequency Response vs
Capacitive Load
Frequency Response vs
Supply Voltage (AV = –1)
Gain-Bandwidth and Phase
Margin vs Temperature
TEMPERATURE (
°C)
8
10
18
16
12
14
9
11
17
13
15
32
34
36
52
50
46
48
40
42
38
44
– 50
–25
25
100
125
50
75
0
1354 G16
PHASE MARGIN
VS = ±15V
GAIN-BANDWIDTH
VS = ±5V
PHASE MARGIN
VS = ±5V
GAIN-BANDWIDTH
VS = ±15V
Frequency Response vs
Supply Voltage (AV = 1)
FREQUENCY (Hz)
100k
–5
–3
–4
5
1M
100M
1354 G17
1
–1
10M
3
–2
2
0
4
±5V
±15V
±2.5V
TA = 25°C
AV = 1
RL = 2k
FREQUENCY (Hz)
100k
–5
–3
–4
5
1M
100M
1354 G18
1
–1
10M
3
–2
2
0
4
±15V
±2.5V
TA = 25°C
AV = –1
RF = RG = 2k
±5V
FREQUENCY (Hz)
–6
–8
–10
10
1354 G19
2
–2
6
–4
4
0
8
VS = ±15V
TA = 25°C
AV = –1
100k
1M
100M
10M
C = 1000pF
C = 500pF
C = 100pF
C = 50pF
C = 0
FREQUENCY (Hz)
0
40
20
100
80
60
100k
1M
1k
10k
100
10M
100M
1354 G20
– PSRR
+PSRR
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
0
40
20
120
100
80
60
1k
100M
10M
1M
100k
10k
1354 G21
VS = ±15V
TA = 25°C
SUPPLY VOLTAGE (
±V)
0
200
100
600
500
400
300
015
10
5
1354 G22
AV = –1
RF = RG = 2k
SR =
TA = 25°C
SR+ + SR–
—————
2
TEMPERATURE (
°C)
50
100
350
300
150
200
250
– 50
–25
25
100
125
50
75
0
1354 G23
SR+ + SR–
SR = —————
2
VS = ±5V
VS = ±15V
AV = –2
INPUT LEVEL (VP-P)
0
100
500
400
200
300
0
8
16
20
12
4
210
18
14
6
1354 G24
VS = ±15V
AV = –1
RF = RG = 2k
SR =
TA = 25°C
SR+ + SR–
—————
2
Slew Rate vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com