Electronic Components Datasheet Search
  English  ▼

X  

LT1354 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1354
Description  12MHz, 400V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1354 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1354 Datasheet HTML 2Page - Linear Technology LT1354 Datasheet HTML 3Page - Linear Technology LT1354 Datasheet HTML 4Page - Linear Technology LT1354 Datasheet HTML 5Page - Linear Technology LT1354 Datasheet HTML 6Page - Linear Technology LT1354 Datasheet HTML 7Page - Linear Technology LT1354 Datasheet HTML 8Page - Linear Technology LT1354 Datasheet HTML 9Page - Linear Technology LT1354 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1354
TYPICAL PERFORMANCE CHARACTERISTICS
Settling Time vs Output Step
(Noninverting)
Open-Loop Gain vs Temperature
Output Voltage Swing vs
Load Current
Output Voltage Swing vs
Supply Voltage
Output Short-Circuit Current vs
Temperature
Output Impedance vs Frequency
Gain-Bandwidth and Phase
Margin vs Supply Voltage
FREQUENCY (Hz)
10k
–10
0
70
100k
100M
1354 G14
1M
30
40
10
20
10M
50
60
120
40
60
0
20
80
100
VS = ±15V
VS = ±5V
VS = ±5V
GAIN
VS = ±15V
PHASE
TA = 25°C
AV = –1
RF = RG = 2k
Gain and Phase vs Frequency
SUPPLY VOLTAGE (
±V)
8
12
10
18
16
14
11
9
17
15
13
30
38
34
50
48
44
40
36
32
46
42
10
5
015
20
1354 G15
TA = 25°C
PHASE MARGIN
GAIN-BANDWIDTH
TEMPERATURE (
°C)
88
90
89
97
96
95
94
92
91
93
– 50
–25
25
100
125
50
75
0
1354 G07
RL = 1k
VO = ±12V
VS = ±15V
SUPPLY VOLTAGE (
±V)
V –
1
2
3
V +
–1
–3
–2
10
5
015
20
1354 G08
RL = 1k
TA = 25°C
RL = 500Ω
RL = 500Ω
RL = 1k
OUTPUT CURRENT (mA)
+0.5
1.5
2.0
1.0
– 0.5
V–
V +
–1.0
–1.5
–2.0
2.5
–2.5
– 50 – 40
–10
30 40
50
010 20
–20
–30
1354 G09
VS = ±5V
VIN = 100mV
85
°C
85
°C
25
°C
25
°C
–40
°C
–40
°C
TEMPERATURE (
°C)
20
25
65
60
55
40
35
30
45
50
– 50
–25
25
100
125
50
75
0
1354 G10
VS = ±5V
SINK
SOURCE
SETTLING TIME (ns)
–10
–6
–4
–8
10
8
6
4
–2
2
0
50
200
300
350
250
100
150
1354 G11
VS = ±15V
AV = 1
10mV
10mV
1mV
1mV
SETTLING TIME (ns)
–10
–6
–4
–8
10
8
6
4
–2
2
0
50
200
300
350
250
100
150
1355/1356 G12
VS = ±15V
AV = –1
10mV
10mV
1mV
1mV
Settling Time vs Output Step
(Inverting)
FREQUENCY (Hz)
10k
0.01
1k
100k
100M
1354 G13
1M
10
0.1
1
10M
100
AV = 1
AV = 100
AV = 10
VS = ±15V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com