Electronic Components Datasheet Search
  English  ▼

X  

LT1354 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1354
Description  12MHz, 400V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1354 Datasheet(HTML) 5 Page - Linear Technology

  LT1354 Datasheet HTML 1Page - Linear Technology LT1354 Datasheet HTML 2Page - Linear Technology LT1354 Datasheet HTML 3Page - Linear Technology LT1354 Datasheet HTML 4Page - Linear Technology LT1354 Datasheet HTML 5Page - Linear Technology LT1354 Datasheet HTML 6Page - Linear Technology LT1354 Datasheet HTML 7Page - Linear Technology LT1354 Datasheet HTML 8Page - Linear Technology LT1354 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1354
ELECTRICAL CHARACTERISTICS
The q denotes specifications that apply over the full specified temperature
range.
Note 1: Differential inputs of
±10V are appropriate for transient operation
only, such as during slewing. Large, sustained differential inputs will
cause excessive power dissipation and may damage the part. See Input
Considerations in the Applications Information section of this data sheet
for more dutails.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 3: Slew rate is measured between
±10V on the output with ±6V input
for
±15V supplies and ±1V on the output with ±1.75V input for ±5V supplies.
Note 4: Full power bandwidth is calculated from the slew rate
measurement: FPBW = SR/2
πVP.
Note 5: This parameter is not 100% tested.
Note 6: The LT1354 is designed, characterized and expected to meet these
extended temperature limits, but is not tested at – 40
°C and at 85°C.
Guaranteed I grade parts are available; consult factory.
TYPICAL PERFORMANCE CHARACTERISTICS
Input Common-Mode Range vs
Supply Voltage
Input Bias Current vs
Input Common-Mode Voltage
Supply Current vs Supply Voltage
and Temperature
SUPPLY VOLTAGE (
±V)
0.4
0.8
0.6
1.4
1.2
1.0
10
5
015
20
1354 G01
–55
°C
25
°C
125
°C
SUPPLY VOLTAGE (
±V)
V –
2.0
0.5
1.0
1.5
V +
–1.0
– 0.5
–2.0
–1.5
10
5
015
20
1354 G02
TA = 25°C
∆VOS < 1mV
INPUT COMMON-MODE VOLTAGE (V)
–50
0
200
150
100
50
–15
–10
0
10
15
5
–5
1354 G03
VS = ±15V
TA = 25°C
IB =
IB
+ + I
B
–
————
2
Open-Loop Gain vs
Resistive Load
Input Noise Spectral Density
Input Bias Current vs
Temperature
TEMPERATURE (
°C)
0
50
25
200
175
150
75
125
100
– 50
–25
25
100
125
50
75
0
1354 G04
VS = ±15V
IB =
IB
+ + I
B
–
————
2
FREQUENCY (Hz)
10
1
10
in
100
0.1
1
10
en
1k
100
100k
10k
1354 G05
VS = ±15V
TA = 25°C
AV = 101
RS = 100k
LOAD RESISTANCE (
Ω)
10
50
60
100
100
10k
1354 G06
80
70
1k
90
VS = ±5V
VS = ±15V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com