Electronic Components Datasheet Search
  English  ▼

X  

LT1354 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1354
Description  12MHz, 400V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1354 Datasheet(HTML) 1 Page - Linear Technology

  LT1354 Datasheet HTML 1Page - Linear Technology LT1354 Datasheet HTML 2Page - Linear Technology LT1354 Datasheet HTML 3Page - Linear Technology LT1354 Datasheet HTML 4Page - Linear Technology LT1354 Datasheet HTML 5Page - Linear Technology LT1354 Datasheet HTML 6Page - Linear Technology LT1354 Datasheet HTML 7Page - Linear Technology LT1354 Datasheet HTML 8Page - Linear Technology LT1354 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1354
12MHz, 400V/
µs Op Amp
TYPICAL APPLICATION
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Data Acquisition Systems
s
Photodiode Amplifiers
APPLICATIONS
s
12MHz Gain-Bandwidth
s
400V/
µs Slew Rate
s
1.25mA Maximum Supply Current
s
Unity Gain Stable
s
C-Load
TM Op Amp Drives All Capacitive Loads
s
10nV/
√Hz Input Noise Voltage
s
800
µV Maximum Input Offset Voltage
s
300nA Maximum Input Bias Current
s
70nA Maximum Input Offset Current
s
12V/mV Minimum DC Gain, RL=1k
s
230ns Settling Time to 0.1%, 10V Step
s
280ns Settling Time to 0.01%, 10V Step
s
±12V Minimum Output Swing into 500Ω
s
±2.5V Minimum Output Swing into 150Ω
s
Specified at
±2.5V, ±5V, and ±15V
The LT
®1354 is a low power, high speed, high slew rate
operational amplifier with outstanding AC and DC perfor-
mance. The LT1354 has much lower supply current, lower
input offset voltage, lower input bias current, and higher
DC gain than devices with comparable bandwidth. The
circuit topology is a voltage feedback amplifier with the
slewing characteristics of a current feedback amplifier.
The amplifier is a single gain stage with outstanding
settling characteristics which makes the circuit an ideal
choice for data acquisition systems. The output drives a
500
Ω load to ±12V with ±15V supplies and a 150Ω load
to
±2.5V on ±5V supplies. The amplifier is also stable with
any capacitive load which makes it useful in buffer or cable
driver applications.
The LT1354 is a member of a family of fast, high perfor-
mance amplifiers using this unique topology and employ-
ing Linear Technology Corporation’s advanced bipolar
complementary processing. For dual and quad amplifier
versions of the LT1354 see the LT1355/LT1356 data
sheet. For higher bandwidth devices with higher supply
current see the LT1357 through LT1365 data sheets.
Singles, duals, and quads of each amplifier are available.
FEATURES
DESCRIPTION
1354 TA01
VIN
5.23k
10.2k
47pF
6.81k
100pF
1000pF
VOUT
–
+
–
+
5.23k
11.3k
6.81k
330pF
LT1354
LT1354
AV = –1 Large-Signal Response
1354 TA02
100kHz, 4th Order Butterworth Filter
, LTC and LT are registered trademarks of Linear Technology Corporation.
C-Load is a trademark of Linear Technology Corporation


Similar Part No. - LT1354

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
12MHz, 400V/us Op Amp
LT1354 LINER-LT1354 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
LT1354 LINER-LT1354 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LT1354 LINER-LT1354 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LT1354 LINER-LT1354 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LT1354

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
12MHz Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
12MHz, 400V/us Op Amp
LT1355 LINER-LT1355 Datasheet
272Kb / 16P
Dual and Quad 12MHz, 400V/us Op Amps
LT1357 LINER-LT1357_15 Datasheet
261Kb / 12P
25MHz, 600V/s Op Amp
LT1360 LINER-LT1360_15 Datasheet
229Kb / 16P
50MHz, 800V/s Op Amp
LT1363 LINER-LT1363_15 Datasheet
219Kb / 12P
70MHz, 1000V/s Op Amp
LT1208 LINER-LT1208_15 Datasheet
276Kb / 12P
Dual and Quad 45MHz, 400V/s Op Amps
LT1209 LINER-LT1209_15 Datasheet
276Kb / 12P
Dual and Quad 45MHz, 400V/s Op Amps
LT1355 LINER-LT1355_15 Datasheet
681Kb / 16P
Dual and Quad 12MHz, 400V/s Op Amps
LT1356 LINER-LT1356_15 Datasheet
681Kb / 16P
Dual and Quad 12MHz, 400V/s Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com