Electronic Components Datasheet Search
  English  ▼

X  

LT1354 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1354
Description  12MHz, 400V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1354 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1354 Datasheet HTML 4Page - Linear Technology LT1354 Datasheet HTML 5Page - Linear Technology LT1354 Datasheet HTML 6Page - Linear Technology LT1354 Datasheet HTML 7Page - Linear Technology LT1354 Datasheet HTML 8Page - Linear Technology LT1354 Datasheet HTML 9Page - Linear Technology LT1354 Datasheet HTML 10Page - Linear Technology LT1354 Datasheet HTML 11Page - Linear Technology LT1354 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1354
Small-Signal Transient
(AV = 1)
Small-Signal Transient
(AV = –1, CL = 1000pF)
1354 TA31
1354 TA33
Capacitive Load Handling
FREQUENCY (Hz)
100k
1M
0
10
10M
1354 G27
6
2
4
8
AV = –1
AV = 1
VS = ±5V
RL = 5k
AV = 1,
2% MAX DISTORTION
AV = –1,
3% MAX DISTORTION
CAPACITIVE LOAD (F)
10p
0
100
1
µ
1354 G30
1000p
0.01
µ
50
100p
0.1
µ
AV = 1
AV = –1
TA = 25°C
VS = ±15V
1354 TA32
FREQUENCY (Hz)
100k
1M
0
30
10M
1355/1356 G26
15
5
10
25
20
AV = –1
AV = 1
VS = ±15V
RL = 5k
AV = 1,
1% MAX DISTORTION
AV = –1,
4% MAX DISTORTION
Small-Signal Transient
(AV = –1)
2nd and 3rd Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
100k 200k
400k
–80
–70
–60
–50
–40
–30
–20
10M
1354 G28
1M
2M
4M
VS = ±15V
VO = 2VP-P
RL = 2k
AV = 2
3RD HARMONIC
2ND HARMONIC
1354 G29
2.5
2.0
1.5
SUPPLY VOLTAGE (V)
3.4
3.3
3.2
3.1
±5
±10
±15
AV = 2
RL = 1k
TA = 25°C
DIFFERENTIAL PHASE
DIFFERENTIAL GAIN
Differential Gain and Phase
vs Supply Voltage
Total Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
10
0.0001
0.1
100
100k
1354 G25
1k
0.001
0.01
10k
AV = –1
TA = 25°C
VO = 3VRMS
RL = 2k
AV = 1
TYPICAL PERFORMANCE CHARACTERISTICS
Undistorted Output Swing vs
Frequency (
±5V)
Undistorted Output Swing vs
Frequency (
±15V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com