Electronic Components Datasheet Search
  English  ▼

X  

AN901 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN901
Description  Electromagnetic compatibility
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN901 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN901 Datasheet HTML 2Page - STMicroelectronics AN901 Datasheet HTML 3Page - STMicroelectronics AN901 Datasheet HTML 4Page - STMicroelectronics AN901 Datasheet HTML 5Page - STMicroelectronics AN901 Datasheet HTML 6Page - STMicroelectronics AN901 Datasheet HTML 7Page - STMicroelectronics AN901 Datasheet HTML 8Page - STMicroelectronics AN901 Datasheet HTML 9Page - STMicroelectronics AN901 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6/14
EMC GUIDELINES FOR MICROCONTROLLER-BASED APPLICATIONS
3.2.3 Free Memory
In many cases, the internal program space is not used 100%. This creates a free memory area
where normally, the application program must never take instructions. This area must be used
as a trap which leads to a Reset routine. This is done by filling this area with No-Operation in-
structions (NOPs) followed by a “JUMP to Reset Routine” command.
3.2.4 Software Hardening
There are several other methods for improving EMC performances:
– periodic self-checks of data integrity (checksum...),
– when critical tasks are executed, verify data redundancy and check for runaway condi-
tions,
– create a kind of milestone (i.e. trace point) throughout the program that is verified using a
“status register” that makes sure that step n follows step n-1,
– periodic updating of the control/data registers, which is particularly useful for the I/O reg-
isters which are in the first in line to face EMI.
Each time a runaway condition is detected, the initialization routine must be performed.
3.3 SYSTEM ARCHITECTURE
At the very beginning of a project, certain preliminary decisions must be made to meet EMC
optimization requirements.
3.3.1 PCB Location
The PCB must be kept as far away as possible from the mains supply wiring as well as extra-
high voltage lines or very high current lines. Also, they should not be repeatedly switched on/
off.
In certain cases, “natural” shielding may exist in the application. In this case, it should be used
wisely.
3.3.2 Component Mounting
Surface-mounted components (SMCs) have a higher density than standard through-hole
mounted components, and therefore require shorter traces on the PCB. For microcontrollers,
SMC packages such as small outline (SO) and quad flat (QFP) packages reduce the length of
signal lines and require a smaller power supply loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com