Electronic Components Datasheet Search
  English  ▼

X  

AN901 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN901
Description  Electromagnetic compatibility
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN901 Datasheet(HTML) 3 Page - STMicroelectronics

  AN901 Datasheet HTML 1Page - STMicroelectronics AN901 Datasheet HTML 2Page - STMicroelectronics AN901 Datasheet HTML 3Page - STMicroelectronics AN901 Datasheet HTML 4Page - STMicroelectronics AN901 Datasheet HTML 5Page - STMicroelectronics AN901 Datasheet HTML 6Page - STMicroelectronics AN901 Datasheet HTML 7Page - STMicroelectronics AN901 Datasheet HTML 8Page - STMicroelectronics AN901 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
EMC GUIDELINES FOR MICROCONTROLLER-BASED APPLICATIONS
2 SCOPE
Specific EMC requirements apply to each part of a microcontroller-based application ac-
cording to EMI references.
2.1 NOISE SOURCES
Electrostatic discharges, mains, switching of high currents and voltages or radio frequency
(RF) generators are just some of the causes of electromagnetic interference, or noise, in mi-
crocontroller environments.
Within the microcontroller itself, the main contributors to noise are:
– oscillator: continuous RF source,
– system clock circuits: RF divider followed by large amplifiers which drive long lines inside
the component,
– output transitions: the relative weight depends on the frequency of the transitions and their
duration; i.e. the shorter the transitions, the richer the frequency spectrum,
– data/address buses: for some microcontrollers, a part of the memory space is external,
which implies continuous transitions on several lines.
2.2 NOISE CARRIERS
EMI can be transferred by electromagnetic waves, conduction, and inductive/capacitive cou-
pling. Obviously, EMI must reach the conductors in order to disturb the components. This
means that the loops, long length and large surface of the conductors are vulnerable to EMI,
making the PCB the principal subject of EMC improvements.
2.3 AFFECTED AREAS
In a microcontroller-based system, the core process is intrinsically sequential and must rely on
valid data. Once a non-EMC-protected program is disturbed, it cannot resume normal opera-
tion.
From the electrical point of view, the following areas are vulnerable:
– system-clock integrity
– memory cells: memory blocks, in addition to registers and memory cells supporting the
state machine of the processor,
– important signals, i.e. RESET, INTERRUPT, HANDSHAKING STROBE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com