Electronic Components Datasheet Search
  English  ▼

X  

AN901 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN901
Description  Electromagnetic compatibility
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN901 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN901 Datasheet HTML 3Page - STMicroelectronics AN901 Datasheet HTML 4Page - STMicroelectronics AN901 Datasheet HTML 5Page - STMicroelectronics AN901 Datasheet HTML 6Page - STMicroelectronics AN901 Datasheet HTML 7Page - STMicroelectronics AN901 Datasheet HTML 8Page - STMicroelectronics AN901 Datasheet HTML 9Page - STMicroelectronics AN901 Datasheet HTML 10Page - STMicroelectronics AN901 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
EMC GUIDELINES FOR MICROCONTROLLER-BASED APPLICATIONS
3.3.3 Choice of Microcontroller
The use of a microcontroller with a high clock rate may cause dangerous EMI levels. This fea-
ture should not be used unless it is specifically needed for real-time application requirements.
If a high system-clock frequency is requested, certain microcontrollers (such as the STMicro-
electronics ST9 family) use an internal PLL to build a system clock frequency higher than the
oscillator frequency with an external resonator (EMI reduction). A hardware watchdog must
implemented in the microcontroller in order to meet EMC requirements.
Certain component suppliers, such as STMicroelectronics, have taken EMC requirements into
account when designing their products. It is best to use components designed with specific
EMC technical characteristics, rather than those with unknown EMC performance levels.
3.3.4 Unused Features
All microcontrollers are designed for a variety of applications and often a particular application
does not use 100% of the MCU resources.
To increase EMC performances, unused clocks or counters, as well as I/Os, should not be left
free, e.g. I/Os should be set to “0” or “1” and unused functions should be “frozen” or disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com