Electronic Components Datasheet Search
  English  ▼

X  

AN901 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN901
Description  Electromagnetic compatibility
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN901 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN901 Datasheet HTML 4Page - STMicroelectronics AN901 Datasheet HTML 5Page - STMicroelectronics AN901 Datasheet HTML 6Page - STMicroelectronics AN901 Datasheet HTML 7Page - STMicroelectronics AN901 Datasheet HTML 8Page - STMicroelectronics AN901 Datasheet HTML 9Page - STMicroelectronics AN901 Datasheet HTML 10Page - STMicroelectronics AN901 Datasheet HTML 11Page - STMicroelectronics AN901 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8/14
EMC GUIDELINES FOR MICROCONTROLLER-BASED APPLICATIONS
3.4 MEASURING EMC PERFORMANCES
EMC performances are measured according to two different aspects:
– Electromagnetic Emissions (EME),
– Electromagnetic Susceptibility (EMS).
The two aspects differ according to the method of measurement, the problems identified and
their solutions.
If an MCU application passes a susceptibility test, it does not mean that it will pass emissions
tests, regardless of the types of test performed. Therefore, both EMS and EME testing must
be carried out.
STMicroelectronics has designed specific EMC testing for its microcontroller components. A
short description of the approach developed by ST, which can also be applied to microcon-
troller applications, is given below:
STMicroelectronics EMC Testing
The method is derived from IEC (standards) and VDE/SAE specifications.
First, an EMC test board that reproduces the typical environment of the microcontroller in an
application is designed for each microcontroller. Then, to ensure reproducible tests, the pin
loading is standardized according to SAE 1751 specifications.
Table 3. EMC Testing
3.4.1 Emissions Tests
There are two types of EME tests; conducted and radiated. Conducted EME tests are more re-
producible because they do not overly depend on the PCB.
3.4.1.1 Radiated EME Tests
To isolate the component’s EMC behaviour, the board is designed according to SAE 1752
specifications.
The board is placed on a metallic box in order to mask all other components.
Performances are measured in a Faraday cage with the electromagnetic radiator placed at a
distance of 3 meters. The results are measured using a spectrum analyser.
Power digital
Typically 100 µF electrolytic
Typically 100 µF ceramic
Input
GND or 10-k
Ω pull-up resistor if no GND
Output
50 pF to GND
EI-directional
Configure as output 50 pF to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com