Electronic Components Datasheet Search
  English  ▼

X  

AN901 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN901
Description  Electromagnetic compatibility
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN901 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN901 Datasheet HTML 6Page - STMicroelectronics AN901 Datasheet HTML 7Page - STMicroelectronics AN901 Datasheet HTML 8Page - STMicroelectronics AN901 Datasheet HTML 9Page - STMicroelectronics AN901 Datasheet HTML 10Page - STMicroelectronics AN901 Datasheet HTML 11Page - STMicroelectronics AN901 Datasheet HTML 12Page - STMicroelectronics AN901 Datasheet HTML 13Page - STMicroelectronics AN901 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10/14
EMC GUIDELINES FOR MICROCONTROLLER-BASED APPLICATIONS
Figure 3. Voltage Divider Diagram
3.4.2 EME Immunity Tests
There are an infinite number of disturbances, but the principal types can be classified ac-
cording to their spectrum.
Figure 4. Disturbance Spectrum Diagram
The discontinuity of the power supply is irrelevant since electrical energy is not stored in
MCUs.
The Surge test does not affect the microcontroller as long as the supply voltage remains cor-
rect since the rise time is much greater when compared to the clock period.
STMicroelectronics focuses it efforts on ESDs and fast transients.
3.4.2.1 Electrostatic Discharges
Electrostatic discharge (ESD) tests, in compliance with standard IEC 1000-4-2, are very im-
portant to ensure that the application is not disturbed by the high amount of static voltage pro-
duced by the human body.
There are two types of tests; air-discharge tests that use a spherical tip and contact discharge
tests that use a conical tip.
For contact discharge tests, the tips are placed on the pins and the ESD voltage is in the
0-8 kV range.
~
50
Ω
120
Ω 47 nF
2 Noise Sources
51
Voltage Divider
Spectrum Analyser
MCU Schema
Rise time
Energy
- ESD
- Fast transient
- Radio Frequency
- Surge
- Discontinuity of
the power supply
1 ns
5 ns
1.2 µs
in ms
30-1000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com