Electronic Components Datasheet Search
  English  ▼

X  

LTC1150 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1150
Description  15V Zero-Drift Operational Amplifier with Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1150 Datasheet(HTML) 2 Page - Linear Technology

  LTC1150 Datasheet HTML 1Page - Linear Technology LTC1150 Datasheet HTML 2Page - Linear Technology LTC1150 Datasheet HTML 3Page - Linear Technology LTC1150 Datasheet HTML 4Page - Linear Technology LTC1150 Datasheet HTML 5Page - Linear Technology LTC1150 Datasheet HTML 6Page - Linear Technology LTC1150 Datasheet HTML 7Page - Linear Technology LTC1150 Datasheet HTML 8Page - Linear Technology LTC1150 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1150
2
1150fb
1
2
3
4
8
7
6
5
TOP VIEW
ISUPPLY
–IN
+IN
V –
CLOCK OUT
V+
OUT
N8 PACKAGE
8-LEAD PDIP
J8 PACKAGE
8-LEAD CERDIP
EXT CLOCK
IN
EXT CLOCK
IN
1
2
3
4
8
7
6
5
TOP VIEW
CLOCK OUT
V+
OUT
ISUPPLY
–IN
+IN
V –
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 110°C, θJA = 200°C/W
+
–
ORDER PART
NUMBER
LTC1150CN8
ORDER PART
NUMBER
LTC1150CS8
1150
S8 PART
MARKING
TJMAX = 110°C, θJA = 130°C/W
LTC1150MJ8
LTC1150CJ8
Total Supply Voltage (V+ to V–) ............................... 32V
Input Voltage (Note 2) .............. (V+ 0.3V) to (V– – 0.3V)
Output Short Circuit Duration .......................... Indefinite
Burn-In Voltage ....................................................... 32V
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
LTC1150M
LTC1150C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage
(Note 3)
±0.5
±10
±0.5
±10
µV
Average Input Offset Drift
(Note 3)
●
±0.01
±0.05
±0.01
±0.05
µV/°C
Long Term Offset Voltage Drift
50
50
nV/√mo
Input Offset Current
±20
±60
±20
±200
pA
●
±1.5
±0.5
nA
Input Bias Current
±10
±50
±10
±100
pA
●
±2.5
±1.0
nA
Input Noise Voltage
RS = 100Ω, 0.1Hz to 10Hz, TC2
1.8
1.8
µVP-P
RS = 100Ω, 0.1Hz to 1Hz, TC2
0.6
0.6
Input Noise Current
f = 10Hz (Note 4)
1.8
1.8
fA/√Hz
Common Mode Rejection Ratio
VCM = V– to 12V
●
110
130
110
130
dB
Power Supply Rejection Ratio
VS = ±2.375V to ±16V
●
120
145
120
145
dB
Large-Signal Voltage Gain
RL = 10kΩ, VOUT = ±10V
●
135
180
135
180
dB
Maximum Output Voltage Swing
RL = 10kΩ
±13.5
±14.5
±13.5
±14.5
V
RL = 10kΩ
●
10.5/
10.5/
–13.5
–13.5
RL = 100kΩ
±14.95
±14.95
The ● denotes the specifications which apply over the full operating
temperature range otherwise specifications are at TA = 25°C. VS = ±15V, Pin 1 = Open, unless otherwise noted.
Operating Temperature Range
LTC1150M (OBSOLETE).....................–55°C to 125°C
LTC1150C .......................................... – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
OBSOLETE PACKAGE
Consider the N8 or S8 Package as an Alternate Source
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com