Electronic Components Datasheet Search
  English  ▼

X  

LTC1150 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1150
Description  15V Zero-Drift Operational Amplifier with Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1150 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1150 Datasheet HTML 2Page - Linear Technology LTC1150 Datasheet HTML 3Page - Linear Technology LTC1150 Datasheet HTML 4Page - Linear Technology LTC1150 Datasheet HTML 5Page - Linear Technology LTC1150 Datasheet HTML 6Page - Linear Technology LTC1150 Datasheet HTML 7Page - Linear Technology LTC1150 Datasheet HTML 8Page - Linear Technology LTC1150 Datasheet HTML 9Page - Linear Technology LTC1150 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC1150
6
1150fb
Offset Voltage Drift vs Sampling
Frequency
Sampling Frequency vs
Temperature
10Hz p-p Noise vs Sampling
Frequency
LTC1150 • TPC18
AMBIENT TEMPERATURE (°C)
–55
300
400
500
600
700
900
–25
535
65
95
125
800
VS = ± 15V
Large-Signal Transient Response
VS = ±15V, AV = 1, CL = 100pF, RL = 10kΩ
Large-Signal Transient Response,
Pin 1 = V–
VS = ±15V, AV = 1, CL = 100pF, PIN 1 = V–
Small-Signal Transient Response
VS = ±15V, AV = 1, CL = 100pF, RL = 10kΩ
Small-Signal Transient Response,
Pin 1 = V–
VS = ±15V, AV = 1, CL = 100pF, RL = 10kΩ,
PIN 1 = V–
Overload Recovery from Negative
Saturation
VS = ±15V, AV = –100, 2ms/DIV
Overload Recovery from Positive
Saturation
VS = ±15V, AV = –100, 2ms/DIV
LTC1150 • TPC16
SAMPLING FREQUENCY, fS (Hz)
100
0
20
40
60
80
1k
10k
100
10
30
50
70
90
VS = ± 15V
PIN 1 = OPEN
LTC1150 • TPC17
SAMPLING FREQUENCY, fS (Hz)
100
0
1
2
4
1k
10k
3
VS = ± 15V
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com