Electronic Components Datasheet Search
  English  ▼

X  

LTC1150 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1150
Description  15V Zero-Drift Operational Amplifier with Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1150 Datasheet(HTML) 5 Page - Linear Technology

  LTC1150 Datasheet HTML 1Page - Linear Technology LTC1150 Datasheet HTML 2Page - Linear Technology LTC1150 Datasheet HTML 3Page - Linear Technology LTC1150 Datasheet HTML 4Page - Linear Technology LTC1150 Datasheet HTML 5Page - Linear Technology LTC1150 Datasheet HTML 6Page - Linear Technology LTC1150 Datasheet HTML 7Page - Linear Technology LTC1150 Datasheet HTML 8Page - Linear Technology LTC1150 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1150
5
1150fb
LTC1150 • TPC13
FREQUENCY (Hz)
40
60
100
140
160
1
100
1k
100k
20
10
10k
120
80
0
LTC1150 • TPC14
FREQUENCY (Hz)
40
60
100
140
160
1
100
1k
100k
20
10
10k
120
80
0
NEGATIVE SUPPLY, PIN 1 = V–
POSITIVE SUPPLY, PIN 1 = OPEN
NEGATIVE SUPPLY,
PIN 1 = OPEN
POSITIVE SUPPLY,
PIN 1 = V–
LTC1150 • TPC15
SAMPLING FREQUENCY, fS (Hz)
0
0
2
4
6
1k
2k
8
10
3k
PIN 1 = V–
PIN 1 = OPEN
VA = ± 15V
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current vs Supply
Voltage
Gain/Phase vs Frequency
Undistorted Output Swing vs
Frequency
LTC1150 • TPC07
SUPPLY VOLTAGE (V)
0
0
2
4
6
8
± 4
± 8
± 12
± 16
10
12
± 2
± 6
± 10
± 14
TA = 25°C
VCM = OV
LTC1150 • TPC08
FREQUENCY (Hz)
10
20
30
5
15
25
100
10k
100k
1M
0
1k
PIN 1 = V–
RL = 10k
PIN 1 = FLOATING
RL = 100k
Input Bias Current vs Input
Common Mode Voltage
Input Bias Current vs Temperature
Common Mode Input Range vs
Supply Voltage
CMRR vs Frequency
PSRR vs Frequency
Offset Voltage vs
Sampling Frequency
LTC1150 • TPC09
FREQUENCY (Hz)
0
20
60
100
120
100
10k
100k
10M
–20
1k
1M
80
40
–40
180
160
120
80
60
200
100
140
220
VS = ±2.5V
CL = 100pF
PHASE
GAIN
LTC1150 • TPC10
INPUT COMMON MODE VOLTAGE (V)
–15
–10
–5
–10
0
10
0
10
–20
–30
–40
5
20
30
40
15
VS = ± 15V
TA = 25°C
+IB
–IB
LTC1150 • TPC11
TEMPERATURE (°C)
–50
–25
–10
–100
–1000
025
50
75
100
125
–1
+IB
–IB
VCM = 0
VS = ± 15V
LTC1150 • TPC12
SUPPLY VOLTAGE (V)
0
–15
–10
–5
0
5
15
±2.5
±5
±7.5
±10
±12.5
±15
10
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com