Electronic Components Datasheet Search
  English  ▼

X  

LTC1150 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1150
Description  15V Zero-Drift Operational Amplifier with Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1150 Datasheet(HTML) 3 Page - Linear Technology

  LTC1150 Datasheet HTML 1Page - Linear Technology LTC1150 Datasheet HTML 2Page - Linear Technology LTC1150 Datasheet HTML 3Page - Linear Technology LTC1150 Datasheet HTML 4Page - Linear Technology LTC1150 Datasheet HTML 5Page - Linear Technology LTC1150 Datasheet HTML 6Page - Linear Technology LTC1150 Datasheet HTML 7Page - Linear Technology LTC1150 Datasheet HTML 8Page - Linear Technology LTC1150 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1150
3
1150fb
LTC1150M
LTC1150C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage
(Note 3)
±0.5
±10
±0.05
±10
µV
Average Input Offset Drift
(Note 3)
●
±0.01 ±0.05
±0.01
±0.05
µV/°C
Long Term Offset Voltage Drift
50
50
µV/√mo
Input Offset Current
±10
±60
±10
±60
pA
Input Bias Current
±5
±30
±5
±30
pA
Input Noise Voltage
RS = 100Ω, 0.1Hz to 10Hz, TC2
2.0
2.0
µVP-P
RS = 100Ω, 0.1Hz to 1Hz, TC2
0.7
0.7
Input Noise Current
f = 10Hz (Note 4)
1.3
1.3
fA/√Hz
Common Mode Rejection Ratio
VCM = 0V to 2.7V
●
106
130
106
130
dB
Power Supply Rejection Ratio
VS = ±2.375V to ±16V
●
120
145
120
145
dB
Large-Signal Voltage Gain
RL = 10kΩ, VOUT = 0.3V to 4.5V
●
115
180
115
180
dB
Maximum Output Voltage Swing
RL = 10kΩ
0.15 to 4.85
0.15 to 4.85
V
RL = 100kΩ
0.02 to 4.97
0.02 to 4.97
Slew Rate
RL = 10kΩ, CL = 50pF
1.5
1.5
V/µs
Gain Bandwidth Product
1.8
1.8
MHz
Supply Current
No Load
0.4
1
0.4
1
mA
●
1.5
1.5
Internal Sampling Frequency
300
300
Hz
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±15V, Pin 1 = Open, unless otherwise noted.
LTC1150M
LTC1150C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Slew Rate
RL = 10kΩ, CL = 50pF
3
3
V/µs
Gain Bandwidth Product
2.5
2.5
MHz
Supply Current
No Load
0.8
1.5
0.8
1.5
mA
No Load, Pin 1 = V–
0.2
0.2
No Load
●
22
Internal Sampling Frequency
550
550
Hz
The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS = 5V, Pin 1 = Open, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which life of
the device may be impaired.
Note 2: Connecting any terminal to voltages greater than V+ or less than
V– may cause destructive latch-up. It is recommended that no sources
operating from external supplies be applied prior to power-up of the
LTC1150.
Note 3: These parameters are guaranteed by design. Thermocouple effects
preclude measurement of these voltage levels in high-speed automatic test
systems. VOS is measured to a limit determined by test equipment
capability.
Note 4: Current Noise is calculated from the formula:
IN = √(2q • Ib)
where q = 1.6 • 10–19 Coulomb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com