Electronic Components Datasheet Search
  English  ▼

X  

LTC1150 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1150
Description  15V Zero-Drift Operational Amplifier with Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1150 Datasheet(HTML) 4 Page - Linear Technology

  LTC1150 Datasheet HTML 1Page - Linear Technology LTC1150 Datasheet HTML 2Page - Linear Technology LTC1150 Datasheet HTML 3Page - Linear Technology LTC1150 Datasheet HTML 4Page - Linear Technology LTC1150 Datasheet HTML 5Page - Linear Technology LTC1150 Datasheet HTML 6Page - Linear Technology LTC1150 Datasheet HTML 7Page - Linear Technology LTC1150 Datasheet HTML 8Page - Linear Technology LTC1150 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC1150
4
1150fb
Offset Voltage Test Circuit
DC-10Hz Noise Test Circuit
Supply Current vs Supply Voltage
Gain/Phase vs Frequency
Supply Current vs RSET
Output Short-Circuit Current vs
Supply Voltage
Gain/Phase vs Frequency
Supply Current vs Temperature
LTC1150 • TPC01
TOTAL SUPPLY VOLTAGE, V+ TO V – (V)
4
600
800
36
400
200
12
20
28
8
16
24
32
1000
500
700
300
900
TA = 25°C
LTC1150 • TPC02
AMBIENT TEMPERATURE (°C)
–55
200
400
600
800
1000
1400
–25
535
65
95
125
1200
VS = ± 15V
LTC1150 • TPC03
FREQUENCY (Hz)
0
20
60
100
120
100
10k
100k
10M
–20
1k
1M
80
40
–40
180
160
120
80
60
200
100
140
220
VS = ± 15V
CL = 100pF
PHASE
GAIN
LTC1150 • TPC05
RSET, PIN 1 TO V– (Ω)
1k
0
800
1000
1200
10k
100k
1M
600
400
200
VS = ± 15V
TA = 25°C
LTC1150 •TC01
RL
1M
1k
V–
V+
2
3
7
6
OUTPUT
4
LTC1150
+
–
LTC1150 •TC02
100k
475k
TO X-Y
RECORDER
475k
FOR 1Hz NOISE BW, INCREASE ALL THE CAPACITORS BY A FACTOR OF 10
316k
0.1µF
0.1µF
0.1µF
158k
10Ω
LTC1150
+
–
LT1012
+
–
LTC1150 • TPC04
TOTAL SUPPLY VOLTAGE, V+ TO V – (V)
4
2
36
–9
–15
12
20
28
8
16
24
32
6
–6
–3
0
–12
4
TA = 25°C
VOUT = V
+
ISINK
VOUT = V
–
ISOURCE
PIN 1 = OPEN
PIN 1 = V–
PIN 1 = V–
PIN 1 = OPEN
LTC1150 • TPC06
FREQUENCY (Hz)
0
20
60
100
120
100
10k
100k
10M
–20
1k
1M
80
40
–40
180
160
120
80
60
200
100
140
220
VS = ± 15V
CL = 100pF
PIN 1 = –15V
PHASE
GAIN
TEST CIRCUITS
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com