Electronic Components Datasheet Search
  English  ▼

X  

LTC1334 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1334
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1334 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1334 Datasheet HTML 3Page - Linear Technology LTC1334 Datasheet HTML 4Page - Linear Technology LTC1334 Datasheet HTML 5Page - Linear Technology LTC1334 Datasheet HTML 6Page - Linear Technology LTC1334 Datasheet HTML 7Page - Linear Technology LTC1334 Datasheet HTML 8Page - Linear Technology LTC1334 Datasheet HTML 9Page - Linear Technology LTC1334 Datasheet HTML 10Page - Linear Technology LTC1334 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1334
PI FU CTIO S
RB2 (Pin 16): Receiver Output.
RA2 (Pin 17): Receiver Output.
DZ2/DE2 (Pin 18): RS232 Driver Input in RS232 Mode.
RS485 Driver Enable with internal pull-up in RS485 mode.
DY2 (Pin 19): Driver Input.
ON/OFF (Pin 20): A high logic input enables the transceiv-
ers. A low puts the device into shutdown mode and
reduces ICC to 10µA. This pin has an internal pull-up.
LB (Pin 21): Loopback Control Input. A low logic level
enables internal loopback connections. This pin has an
internal pull-up.
DY1 (Pin 22): Driver Input.
DZ1/DE1 (Pin 23): RS232 Driver Input in RS232 Mode.
RS485 Driver Enable with internal pull-up in RS485 mode.
RA1 (Pin 24): Receiver Output.
RB1 (Pin 25): Receiver Output.
VCC (Pin 26): Positive Supply; 4.75V ≤ VCC ≤ 5.25V
C2– (Pin 27): Commutating Capacitor C2 Negative Termi-
nal. Requires 0.1
µF external capacitor between Pins 27
and 28.
C2+ (Pin 28): Commutating Capacitor C2 Positive Terminal.
FU CTIO TABLES
RS485 Driver Mode
INPUTS
OUTPUTS
ON/OFF
SEL
DE
D
CONDITIONS
Z
Y
1
1
1
0
No Fault
0
1
1
1
1
1
No Fault
1
0
1
1
1
X
Thermal Fault
Z
Z
11
0
X
X
Z
Z
01
X
X
X
Z
Z
RS232 Driver Mode
INPUTS
OUTPUTS
ON/OFF
SEL
D
CONDITIONS
Y, Z
1
0
0
No Fault
1
1
0
1
No Fault
0
1
0
X
Thermal Fault
Z
00
X
X
Z
RS485 Receiver Mode
INPUTS
OUTPUTS
ON/OFF
SEL
B – A
RA
RB*
1
1
< – 0.2V
0
1
1
1
> 0.2V
1
1
1
1
Inputs Open
1
1
01
X
Z
Z
*See Note 5 of Electrical Characteristics table.
RS232 Receiver Mode
INPUTS
OUTPUTS
ON/OFF
SEL
A, B
RA, RB
10
0
1
10
1
0
1
0
Inputs Open
1
00
X
Z
1
28
C2+
C2–
C1+
VEE
RB2
RA2
DZ2/DE2
DY2
ON/OFF
LB
DY1
DZ1/DE1
RA1
RB1
VCC
14
15
13
12
11
10
9
8
7
6
5
4
3
2
16
17
18
19
20
21
22
23
24
25
26
27
GND
A2
B2
Y2
Z2
SEL2
SEL1
Z1
Y1
B1
A1
VDD
C1–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com