Electronic Components Datasheet Search
  English  ▼

X  

LTC1334 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1334
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1334 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1334 Datasheet HTML 2Page - Linear Technology LTC1334 Datasheet HTML 3Page - Linear Technology LTC1334 Datasheet HTML 4Page - Linear Technology LTC1334 Datasheet HTML 5Page - Linear Technology LTC1334 Datasheet HTML 6Page - Linear Technology LTC1334 Datasheet HTML 7Page - Linear Technology LTC1334 Datasheet HTML 8Page - Linear Technology LTC1334 Datasheet HTML 9Page - Linear Technology LTC1334 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1334
TYPICAL PERFORMANCE CHARACTERISTICS
RS485 Driver Output High Voltage
vs Output Current
RS485 Driver Output Short-Circuit
Current vs Temperature
RS485 Driver Output Low Voltage
vs Output Current
RS232 Driver Output Voltage
vs Temperature
Driver Output Leakage Current
(Disable/Shutdown) vs Temperature
RS232 Driver Short-Circuit
Current vs Temperature
OUTPUT VOLTAGE (V)
0
3
5
LTC1334 • TPC13
12
4
–80
–70
–60
–50
–40
–30
–20
–10
0
TA = 25°C
VCC = 5V
OUTPUT VOLTAGE (V)
0
120
100
80
60
40
20
0
123
4
LTC1334 • TPC14
5
TA = 25°C
VCC = 5V
TEMPERATURE (
°C)
–50
160
140
120
100
80
60
40
25
75
LTC1334 • TPC15
–25
0
50
100
125
SOURCE
(VOUT = 0V)
SINK
(VOUT = 5V)
VCC = 5V
TEMPERATURE (
°C)
–50
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
50
75
LTC1334 • TPC16
–25
25
100
125
VCC = 5V
RL = 3k
OUTPUT HIGH
OUTPUT LOW
TEMPERATURE (
°C)
–50
30
25
20
15
10
5
0
25
75
LTC1334 • TPC17
–25
0
50
100
125
SOURCE
SINK
VOUT = 0V
VCC = 5V
TEMPERATURE (
°C)
–50
500
450
400
350
300
250
200
150
100
50
0
0
50
75
LTC1334 • TPC18
–25
25
100
125
VCC = 5V
PIN FUNCTIONS
C1+(Pin 1): Commutating Capacitor C1 Positive Terminal.
Requires 0.1
µF external capacitor between Pins 1 and 2.
C1– (Pin 2): Commutating Capacitor C1 Negative Terminal.
VDD (Pin 3): Positive Supply Output for RS232 Drivers.
Requires an external 0.1
µF capacitor to ground.
A1 (Pin 4): Receiver Input.
B1 (Pin 5): Receiver Input.
Y1 (Pin 6): Driver Output.
Z1 (Pin 7): Driver Output.
SEL1 (Pin 8): Interface Mode Select Input.
SEL2 (Pin 9): Interface Mode Select Input.
Z2 (Pin 10): Driver Output.
Y2 (Pin 11): Driver Output.
B2 (Pin 12): Receiver Input.
A2 (Pin 13): Receiver Input.
GND (Pin 14): Ground.
VEE (Pin 15): Negative Supply Output. Requires an exter-
nal 0.1
µF capacitor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com