Electronic Components Datasheet Search
  English  ▼

X  

LTC1334 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1334
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1334 Datasheet(HTML) 1 Page - Linear Technology

  LTC1334 Datasheet HTML 1Page - Linear Technology LTC1334 Datasheet HTML 2Page - Linear Technology LTC1334 Datasheet HTML 3Page - Linear Technology LTC1334 Datasheet HTML 4Page - Linear Technology LTC1334 Datasheet HTML 5Page - Linear Technology LTC1334 Datasheet HTML 6Page - Linear Technology LTC1334 Datasheet HTML 7Page - Linear Technology LTC1334 Datasheet HTML 8Page - Linear Technology LTC1334 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1334
Single 5V RS232/RS485
Multiprotocol Transceiver
The LTC
®1334 is a low power CMOS bidirectional trans-
ceiver featuring two reconfigurable interface ports. It can
be configured as two RS485 differential ports, as two dual
RS232 single-ended ports or as one RS485 differential
port and one dual RS232 single-ended port. An onboard
charge pump requires four 0.1
µF capacitors to generate
boosted positive and negative supplies, allowing the RS232
drivers to meet the RS232
±5V output swing requirement
with only a single 5V supply. A shutdown mode reduces
the ICC supply current to 10µA.
The RS232 transceivers are in full compliance with RS232
specifications. The RS485 transceivers are in full compli-
ance with RS485 and RS422 specifications. All interface
drivers feature short-circuit and thermal shutdown pro-
tection. An enable pin allows RS485 driver outputs to be
forced into high impedance, which is maintained even
when the outputs are forced beyond supply rails or power
is off. Both driver outputs and receiver inputs feature
±10kV ESD protection. A loopback mode allows the driver
outputs to be connected back to the receiver inputs for
diagnostic self-test.
s
Four RS232 Transceivers or Two RS485
Transceivers on One Chip
s
Operates from a Single 5V Supply
s
Withstands Repeated
±10kV ESD Pulses
s
Uses Small Charge Pump Capacitors: 0.1
µF
s
Low Supply Current: 8mA Typical
s
10
µA Supply Current in Shutdown
s
Self-Testing Capability in Loopback Mode
s
Power-Up/Down Glitch-Free Outputs
s
Driver Maintains High Impedance in Three-State,
Shutdown or with Power Off
s
Thermal Shutdown Protection
s
Receiver Inputs Can Withstand
±25V
s
Low Power RS485/RS422/RS232/EIA562 Interface
s
Software-Selectable Multiprotocol Interface Port
s
Cable Repeaters
s
Level Translators
, LTC and LT are registered trademarks of Linear Technology Corporation.
21
5V
8
5V
9
5V
20
0V
26
3
26
3
27
28
VCC1
5V
120
Ω
4
LTC1334
LTC1334 • TA01
RX OUT
23
RS485 INTERFACE
DR ENABLE
5
6
7
14
24
DR IN
22
15
13
21
LTC1334
RX OUT
18
5V
DR ENABLE
12
11
10
9
8
14
17
DR IN
19
5V
20
15
120
Ω
4000-FT 24-GAUGE TWISTED PAIR
5V
0V
11
DR IN
19
4
24
RX OUT
12
16
RX OUT
7
DR IN
23
RS232 INTERFACE
ALL CAPACITORS: 0.1
µF MONOLITHIC CERAMIC TYPE
10
DR IN
18
5
25
RX OUT
13
17
RX OUT
6
DR IN
22
1
2
2
1
28
27
VCC2
5V
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1334

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Analog Devices
LTC1334 AD-LTC1334 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
logo
Linear Technology
LTC1334CG LINER-LTC1334CG Datasheet
270Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334CNW LINER-LTC1334CNW Datasheet
270Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334CSW LINER-LTC1334CSW Datasheet
270Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
More results

Similar Description - LTC1334

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Technology
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com