Electronic Components Datasheet Search
  English  ▼

X  

LTC1334 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1334
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1334 Datasheet(HTML) 4 Page - Linear Technology

  LTC1334 Datasheet HTML 1Page - Linear Technology LTC1334 Datasheet HTML 2Page - Linear Technology LTC1334 Datasheet HTML 3Page - Linear Technology LTC1334 Datasheet HTML 4Page - Linear Technology LTC1334 Datasheet HTML 5Page - Linear Technology LTC1334 Datasheet HTML 6Page - Linear Technology LTC1334 Datasheet HTML 7Page - Linear Technology LTC1334 Datasheet HTML 8Page - Linear Technology LTC1334 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1334
AC ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the
safety of the device cannot be guaranteed.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: All typicals are given at VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF
and TA = 25°C.
Note 4: Short-circuit current for RS485 driver output low state folds back
above VCC. Peak current occurs around VO = 3V.
Note 5: The “B” RS232 receiver output is disabled in RS485 mode
(SEL1 = SEL2 = high). The unused output driver goes into a high
impedance mode and has a resistor to VCC. See Applications Information
section for more details.
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Output High Voltage
vs Temperature
TEMPERATURE (
°C)
–50
5.0
4.9
4.8
4.7
4.6
4.5
4.4
4.3
4.2
4.1
4.0
0
50
75
LTC1334 • TPC01
–25
25
100
125
IOUT = 3mA
VCC = 5V
TEMPERATURE (
°C)
–50
20
18
16
14
12
10
8
6
4
2
0
0
50
75
LTC1334 • TPC03
–25
25
100
125
VCC = 5V
RS485 Receiver Skew
tPLH – tPHL vs Temperature
TEMPERATURE (
°C)
–50
0.5
0.4
0.3
0.2
0.1
0
0
50
75
LTC1334 • TPC02
–25
25
100
125
IOUT = 3mA
VCC = 5V
Receiver Output Low Voltage
vs Temperature
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RS485 Mode (SEL1 = SEL2 = High)
tZL
Driver Enable to Output Low
Figures 3, 7, CL = 100pF, S1 Closed
q
50
90
ns
tZH
Driver Enable to Output High
Figures 3, 7, CL = 100pF, S2 Closed
q
50
90
ns
tLZ
Driver Disable from Low
Figures 3, 7, CL = 15pF, S1 Closed
q
50
90
ns
tHZ
Driver Disable from High
Figures 3, 7, CL = 15pF, S2 Closed
q
60
90
ns
tPLH
Receiver Input to Output
Figures 2, 8, RL = 54Ω, CL = 100pF
q
20
60
140
ns
tPHL
Receiver Input to Output
Figures 2, 8, RL = 54Ω, CL = 100pF
q
20
70
140
ns
tSKEW
Differential Receiver Skew,
tPLH – tPHL
Figures 2, 8, RL = 54Ω, CL = 100pF
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com