Electronic Components Datasheet Search
  English  ▼

X  

LTC1334 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1334
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1334 Datasheet(HTML) 5 Page - Linear Technology

  LTC1334 Datasheet HTML 1Page - Linear Technology LTC1334 Datasheet HTML 2Page - Linear Technology LTC1334 Datasheet HTML 3Page - Linear Technology LTC1334 Datasheet HTML 4Page - Linear Technology LTC1334 Datasheet HTML 5Page - Linear Technology LTC1334 Datasheet HTML 6Page - Linear Technology LTC1334 Datasheet HTML 7Page - Linear Technology LTC1334 Datasheet HTML 8Page - Linear Technology LTC1334 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1334
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Output Current
vs Output High Voltage
RS232 Receiver Input Threshold
Voltage vs Temperature
Receiver Output Current
vs Output Low Voltage
OUTPUT VOLTAGE (V)
2.0
2.5
3.0
3.5
4.0
LTC1334 • TPC04
4.5
20
18
16
14
12
10
8
6
4
2
0
5.0
TA = 25°C
VCC = 5V
OUTPUT VOLTAGE (V)
0
0.5
1.0
2.0
1.5
2.5
3.0
LTC1334 • TPC05
40
35
30
25
20
15
10
5
0
TA = 25°C
VCC = 5V
TEMPERATURE (
°C)
–50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
25
75
LTC1334 • TPC06
–25
0
50
100
125
INPUT HIGH
INPUT LOW
VCC = 5V
Charge Pump Output Voltage
vs Temperature
Supply Current
vs Temperature (RS232)
Supply Current
vs Temperature (RS485)
TEMPERATURE (
°C)
–50
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
50
75
LTC1334 • TPC07
–25
25
100
125
VDD (NO LOAD)
VDD (–10mA LOAD)
VEE (10mA LOAD)
VEE (NO LOAD)
VCC = 5V
TEMPERATURE (
°C)
–50
0
10
25
0
50
75
LTC1334 • TPC08
5
20
15
–25
25
100
125
VCC = 5V
NO LOAD
SEL 1 = SEL 2 = HIGH
TEMPERATURE (
°C)
–50
10
9
8
7
6
5
4
3
2
1
0
0
50
75
LTC1334 • TPC09
–25
25
100
125
VCC = 5V
NO LOAD
SEL 1 = SEL 2 = HIGH
RS485 Driver Differential Output
Voltage vs Temperature
RS485 Driver Skew
vs Temperature
RS485 Driver Differential Output
Current vs Output Voltage
TEMPERATURE (
°C)
–50
2.6
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
0
50
75
LTC1334 • TPC10
–25
25
100
125
RL = 54Ω
VCC = 5V
DIFFERENTIAL OUTPUT VOLTAGE (V)
0
70
60
50
40
30
20
10
0
34
LTC1334 • TPC11
12
5
TA = 25°C
VCC = 5V
TEMPERATURE (
°C)
–50
15
12
9
6
3
0
0
50
75
LTC1334 • TPC12
–25
25
100
125
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com