Electronic Components Datasheet Search
  English  ▼

X  

LT3473 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3473
Description  Micropower 1A Boost Converter with Schottky and Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3473 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3473 Datasheet HTML 3Page - Linear Technology LT3473 Datasheet HTML 4Page - Linear Technology LT3473 Datasheet HTML 5Page - Linear Technology LT3473 Datasheet HTML 6Page - Linear Technology LT3473 Datasheet HTML 7Page - Linear Technology LT3473 Datasheet HTML 8Page - Linear Technology LT3473 Datasheet HTML 9Page - Linear Technology LT3473 Datasheet HTML 10Page - Linear Technology LT3473 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT3473/LT3473A
3473f
Operation
The LT3473 combines a current mode, fixed frequency
PWM architecture with Burst Mode micropower operation
to maintain high efficiency at light loads. Operation can
best be understood by referring to the Block Diagram.
The reference of the part is determined by the lower of the
internal 1.25V bandgap reference and the voltage at the
CTRL pin. The error amplifier compares voltage at the FB
pin with the reference and generates an error signal VC.
When VC is below the Burst Mode threshold voltage, BTH,
the hysteretic comparator, A1, shuts off the power section
leaving only the low power circuitry running. Total current
consumption in this state is minimized. As output loading
causes the FB voltage to decrease, VC increases causing A1
to enable the power section circuitry. The chip starts switch-
ing. If the load is light, the output voltage (and FB voltage)
will increase until A1 turns off the power section. The output
voltage starts to fall again. This cycle repeats and gener-
ates low frequency ripple at the output. This Burst Mode
operation keeps the output regulated and reduces average
current into the IC, resulting in high efficiency at light load.
If the output load increases sufficiently, A1’s output remains
high, resulting in continuous operation.
At the start of each oscillator cycle, the SR latch is set,
turning on the power switch Q1. A voltage proportional to
the switch current is added to a stabilizing ramp and the
APPLICATIO S I FOR ATIO
IL
200mA/DIV
VIN = 3.6V
VOUT = 20V
ILOAD = 50mA
0.5µs/DIV
3473 AI01
VSW
10V/DIV
IL
200mA/DIV
VIN = 3.6V
VOUT = 20V
ILOAD = 8mA
0.5µs/DIV
3473 AI02
VSW
10V/DIV
VOUT
200mV/DIV
VIN = 3.6V
VOUT = 20V
500µs/DIV
3473 AI03
IL
200mA/DIV
11mA
1mA
ILOAD
Switching Waveforms
Switching Waveforms
Transient Response
Transient Response
Transient Response
VOUT
500mV/DIV
VIN = 3.6V
VOUT = 20V
500µs/DIV
3473 AI04
IL
500mA/DIV
51mA
1mA
ILOAD
VOUT
500mV/DIV
VIN = 3.6V
VOUT = 20V
500µs/DIV
3473 AI05
IL
500mA/DIV
ILOAD
55mA
5mA
Transient Response
VOUT
500mV/DIV
VIN = 3.6V
VOUT = 20V
200µs/DIV
3473 AI06
IL
500mA/DIV
ILOAD
75mA
25mA
VOUT
10V/DIV
VIN = 3.6V
VOUT = 20V
ILOAD = 60mA
100µs/DIV
3473 AI07
CAP
0.5V/DIV
SHDN
5V/DIV
VOUT
10V/DIV
VIN = 3.6V
VOUT = 20V
ILOAD = 30mA
SHDN 20k, 100nF
500µs/DIV
3473 AI08
IL
500mA/DIV
SHDN
2V/DIV
Shutdown Waveforms
Start-Up Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com