Electronic Components Datasheet Search
  English  ▼

X  

LT3473 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3473
Description  Micropower 1A Boost Converter with Schottky and Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3473 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3473 Datasheet HTML 2Page - Linear Technology LT3473 Datasheet HTML 3Page - Linear Technology LT3473 Datasheet HTML 4Page - Linear Technology LT3473 Datasheet HTML 5Page - Linear Technology LT3473 Datasheet HTML 6Page - Linear Technology LT3473 Datasheet HTML 7Page - Linear Technology LT3473 Datasheet HTML 8Page - Linear Technology LT3473 Datasheet HTML 9Page - Linear Technology LT3473 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT3473/LT3473A
3473f
BLOCK DIAGRA
Figure 1. LT3473 Block Diagram
Σ
A2
ENABLE
ERROR
AMPLIFIER
VREF
1.25V
A3
Q1
COMPARATOR
POWER SECTION
DRIVER
1.2MHz
OSCILLATOR
RAMP
GENERATOR
S
PNP
DRIVER
Q
BTH
VC
FB
100mV
Q5
R
–
+
A1
gm
4
CTRL
SW
Q2
CAP
8
1
OUT
2
SHDN
6
VIN
7
PGOOD
5
GND
9
A4
3437 F01
3
Figure 2. LT3473A Block Diagram
Σ
A2
ENABLE
ERROR
AMPLIFIER
VREF
1.25V
A3
Q1
Q3
COMPARATOR
POWER SECTION
DRIVER
1.2MHz
OSCILLATOR
RAMP
GENERATOR
S
PNP
DRIVER
Q
BTH
VC
FB
100mV
Q5
R
–
+
A1
gm
7
CTRL
SW
Q2
CAP
12
1
OUT
2
SHDN
10
VIN
11
PGOOD
9
GND
13
A4
NB1
3
NE1
NE2
3437 F02
4
Q4
NB2
5
6
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com