Electronic Components Datasheet Search
  English  ▼

X  

LT3473 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3473
Description  Micropower 1A Boost Converter with Schottky and Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3473 Datasheet(HTML) 1 Page - Linear Technology

  LT3473 Datasheet HTML 1Page - Linear Technology LT3473 Datasheet HTML 2Page - Linear Technology LT3473 Datasheet HTML 3Page - Linear Technology LT3473 Datasheet HTML 4Page - Linear Technology LT3473 Datasheet HTML 5Page - Linear Technology LT3473 Datasheet HTML 6Page - Linear Technology LT3473 Datasheet HTML 7Page - Linear Technology LT3473 Datasheet HTML 8Page - Linear Technology LT3473 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT3473/LT3473A
3473f
■ OLED Bias
■ CCD Bias
Conversion Efficiency and Power Loss vs Output Current
Micropower 1A Boost
Converter with Schottky
and Output Disconnect
■ Tiny Solution Size
■ Low Quiescent Current:
150µA in Active Mode (VIN = 3.6V, VOUT = 15V,
No Load)
1µA in Shutdown Mode
■ Internal 1A, 36V Switch
■ Integrated Schottky Diode
■ Integrated PNP Output Disconnect
■ Internal Reference Override Pin
■ PGOOD Pin
■ 25V at 80mA from 3.6V Input
■ Auxiliary NPNs for Intermediate
Bias Voltages (LT3473A)
■ Automatic Burst Mode
® Operation at Light Load
■ Constant Switching Frequency: 1.2MHz
■ Thermal Shutdown
■ Input Range: 2.2V to 16V
■ Low Profile (3mm × 3mm) DFN Package (LT3473)
■ Low Profile (4mm × 3mm) DFN Package (LT3473A)
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LT
®3473/LT3473A are micropower step-up DC/DC
converters with integrated Schottky diode and output
disconnect circuitry in low profile DFN packages. The
small package size, high level of integration and the use of
tiny SMT components yield a solution size of less than
50mm2. The internal 1A switch allows the device to deliver
25V at up to 80mA from a Li-Ion cell, while automatic Burst
Mode operation maintains efficiency at light load. An
auxiliary reference input (CTRL) allows the user to over-
ride the internal 1.25V feedback reference with any lower
value, allowing full control of the output voltage during
operation. A PGOOD pin sinks current when the output
voltage reaches 90% of final value.
The LT3473A includes two NPN transistors for generating
intermediate bias voltages from the output and is offered
in a 12-lead (4mm × 3mm) DFN package. The LT3473
does not include these NPNs and is offered in an 8-lead
(3mm × 3mm) package.
The rugged 36V switch and output disconnect circuitry
allow outputs up to 34V to be easily generated in a simple
boost topology.
2.2µF
VOUT
25V
80mA
3473 TA01a
4.7µF
0.47µF
VIN
3V TO 4.2V
2M
100k
LT3473
GND
6.8µH
PGOOD
CTRL
SW
VIN
SHDN
OUT
CAP
FB
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
OUTPUT CURRENT (mA)
0.1
65
70
3473 TA01b
60
55
1
10
100
80
200
100
400
300
0
500
75
VIN = 3.6V
VOUT = 15V


Similar Part No. - LT3473

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3473 LINER-LT3473 Datasheet
454Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3473A LINER-LT3473A Datasheet
454Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3473A LINER-LT3473A Datasheet
269Kb / 12P
Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3473A LINER-LT3473A Datasheet
275Kb / 12P
Micropower 1A Boost Converter with Schottky and Output Disconnect
More results

Similar Description - LT3473

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3464 LINER-LT3464 Datasheet
260Kb / 16P
Micropower Boost Converter with Integrated Schottky and Output Disconnect in ThinSOT
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LT3464 LINER-LT3464_1 Datasheet
240Kb / 16P
Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
Micropower 1A Boost Converter with Schottky and Output Disconnect
LTC3429 LINER-LTC3429 Datasheet
198Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LT3464 LINER-LT3464_15 Datasheet
254Kb / 16P
Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT
LT3473A LINER-LT3473A_15 Datasheet
275Kb / 12P
Micropower 1A Boost Converter with Schottky and Output Disconnect
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com